Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT905 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT905 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
3
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
1 Typical Applications
Home security system
Home Automation
Embedded audio application
Motor drive and application control
E-meter
CCTV monitor
Industrial automation
Medical appliances
Instrumentation
DAQ System
1.1 Part Numbers
Part Number
Package
FT905Q-X
76 Pin QFN, pitch 0.4mm, body 9mm x 9mm x 0.9mm, support both CAN Bus
and Ethernet features.
FT905L-X
80 Pin LQFP, pitch 0.4mm, body 10mm x 10mm x 1.40mm, support both CAN
Bus and Ethernet features.
FT906Q-X
76 Pin QFN, pitch 0.4mm, body 9mm x 9mm x 0.9mm, support Ethernet,
doesn’t support CAN Bus.
FT906L-X
80 Pin LQFP, pitch 0.4mm, body 10mm x 10mm x 1.40mm, support Ethernet,
doesn’t support CAN Bus.
FT907Q-X
76 Pin QFN, pitch 0.4mm, body 9mm x 9mm x 0.9mm, support CAN Bus,
doesn’t support Ethernet.
FT907L-X
80 Pin LQFP, pitch 0.4mm, body 10mm x 10mm x 1.40mm, support CAN Bus,
doesn’t support Ethernet.
FT908Q-X
76 Pin QFN, pitch 0.4mm, body 9mm x 9mm x 0.9mm, doesn’t support either
CAN Bus or Ethernet features.
FT908L-X
80 Pin LQFP, pitch 0.4mm, body 10mm x 10mm x 1.40mm, doesn’t support
either CAN Bus or Ethernet features.
Table 1-1 FT905 Series Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel (qty per reel for LQFP is 1000; qty per reel for QFN is 3000)
-T: Tray packing (qty per tray for LQFP is 160; qty per tray for QFN is 260)
1.2 USB2.0 Compliant
The FT905 series contains a USB2.0 host controller and peripheral controller that both are
compliant with USB2.0 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com