Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4511C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4511C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
9
Overview of MAX4511/MAX4512/MAX4513
The MAX4511/MAX4512/MAX4513 differ considerably
from traditional fault-protection switches, with several
advantages. First, they are constructed with two paral-
lel FETs, allowing very low on-resistance when the
switch is on. Second, they allow signals on the NC_ or
NO_ pins that are within or slightly beyond the supply
rails to be passed through the switch to the COM termi-
nal, allowing rail-to-rail signal operation. Third, when a
signal on NC_ or NO_ exceeds the supply rails by
about 50mV (a fault condition), the voltage on COM_ is
limited to the appropriate polarity supply voltage.
Operation is identical for both fault polarities. The fault-
protection extends to ±36V from GND.
During a fault condition, the NO_ or NC_ input pin
becomes high impedance regardless of the switch
state or load resistance. If the switch is on, the COM_
output current is furnished from the V+ or V- pin by
“booster” FETs connected to each supply pin. These
FETs can typically source or sink up to 10mA.
When power is removed, the fault protection is still in
effect. In this case, the NO_ or NC_ terminals are a vir-
tual open circuit. The fault can be up to ±40V.
The COM_ pins are not fault protected; they act as nor-
mal CMOS switch pins. If a voltage source is connect-
ed to any COM_ pin, it should be limited to the supply
voltages. Exceeding the supply voltage will cause high
currents to flow through the ESD protection diodes,
possibly damaging the device (see
Absolute Maximum
Ratings).
Pin Compatibility
These switches have identical pinouts to common non-
fault-protected CMOS switches. Care should be exer-
cised in considering them for direct replacements in
existing printed circuit boards, however, since only the
NO_ and NC_ pins of each switch are fault protected.
Internal Construction
Internal construction is shown in Figure 1, with the ana-
log signal paths shown in bold. A single normally open
V+
NO_
(NC_)
IN_
GND
V-
HIGH
FAULT
LOW
FAULT
ON
N1
P1
P2
COM_
N2
NC SWITCH
-ESD DIODE
NORMALLY OPEN SWITCH CONSTRUCTION
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com