Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4511C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4511C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µA
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
6
_______________________________________________________________________________________
Note 1:
COM_ and IN_ pins are not fault protected. Signals on COM_ or IN_ exceeding V+ or V- are clamped by internal diodes.
Limit forward diode current to maximum current rating.
Note 2:
NC_ and NO_ pins are fault protected. Signals on NC_ or NO_ exceeding -36V to +36V may damage the device. These
limits apply with power applied to V+ or V-, or ±40V with V+ = V- = 0.
Note 3:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 4:
∆RON = ∆RON(MAX) - ∆RON(MIN).
Note 5:
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 6:
Guaranteed by design.
Note 7:
Off isolation = 20 log10 [ VCOM_ / (VNC_ or VNO_) ], VCOM_ = output, VNC_ or VNO_ = input to off switch.
Note 8:
Between any two switches.
Note 9:
Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +10.8V to +13.2V, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VCOM_ = 10V, RL_ = 2kΩ,
Figure 2
CONDITIONS
VCOM_ = 10V, RL_ = 2kΩ,
Figure 3
ns
tON
Turn-On Time
1.8
2.4
500
1000
V
VIN_H
IN_ Input Logic Threshold High
C, E, M
0.8
1.8
V
VIN_L
IN_ Input Logic Threshold Low
C, E, M
VCOM_ = 10V, RL_ = 2kΩ,
Figure 2
ns
-1
0.03
1
tOFF
Turn-Off Time
400
900
ns
+25°C
tBBM
Break-Before-Make Time
Delay (MAX4513 Only)
50
100
+25°C
VIN_ = 0.8V or 2.4V
µA
IIN_H, IIN_L
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
IN_ Input Current Logic High
or Low
+25°C
+25°C
TA
LOGIC INPUT
C, E, M
-5
5
C, E, M
C, E, M
1500
1200
CL = 1.0nF, VNO_ = 0,
RS = 0Ω, Figure 4
pC
Q
Charge Injection (Note 6)
15
+25°C
f = 1MHz, Figure 5
pF
CN_ (OFF)
NO_ or NC_ Off Capacitance
9
+25°C
VCOM_ = GND, f = 1MHz,
Figure 5
pF
CCOM_ (OFF)
COM_ Off Capacitance
9
+25°C
VCOM_ = VNO_ = GND,
f = 1MHz, Figure 5
pF
CCOM_ (ON)
COM_ On Capacitance
22
+25°C
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz, Figure 6
dB
VISO
Off Isolation (Note 7)
-62
+25°C
RL = 50Ω, CL = 15pF,
VN_ = 1VRMS, f = 1MHz, Figure 5
dB
VCT
Channel-to-Channel Crosstalk
(Note 8)
-65
+25°C
V
V+
Power-Supply Range
936
C,E, M
All VIN_ = 0 or 5V
µA
I+
V+ Supply Current
150
300
+25°C
All VIN_ = 0 or 12V
IGND
V- and GND Supply Current
50
100
+25°C
All VIN_ = 5V
µA
150
300
+25°C
450
C, E, M
C, E, M
C, E, M
200
450
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com