Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4511C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4511C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4511/MAX4512/MAX4513 are quad, single-
pole/single-throw (SPST), fault-protected analog switch-
es. They are pin-compatible with the industry-standard
nonprotected DG201/DG202/DG213. These new switch-
es feature fault-protected inputs and Rail-to-Rail® signal
handling capability. The normally open (NO_) and
normally closed (NC_) terminals are protected from
overvoltage faults up to 36V during power-up or
power-down. During a fault condition, the NO_ or NC_
terminal becomes an open circuit and only nanoamperes
of leakage current flow from the source, but the switch
output (COM_) furnishes up to 10mA of the appropriate
polarity supply voltage to the load. This ensures unam-
biguous rail-to-rail outputs when a fault begins and ends.
On-resistance is 175
Ω max and is matched between
switches to 10
Ω max. The off-leakage current is only
0.5nA at +25°C and 10nA at +85°C.
The MAX4511 has four normally closed switches. The
MAX4512 has four normally open switches. The
MAX4513 has two normally closed and two normally
open switches.
These CMOS switches can operate with dual power
supplies ranging from ±4.5V to ±18V or a single supply
between +9V and +36V.
All digital inputs have +0.8V and +2.4V logic thresh-
olds, ensuring both TTL- and CMOS-logic compatibility
when using ±15V or a single +12V supply.
Applications
ATE Equipment
Data Acquisition
Industrial and Process-Control Systems
Avionics
Redundant/Backup Systems
Features
o ±40V Fault Protection with Power Off
±36V Fault Protection with ±15V Supplies
o All Switches Off with Power Off
o Rail-to-Rail Signal Handling
o Output Clamped to Appropriate Supply Voltage
During Fault Condition; No Transition Glitch
o 175
Ω max Signal Paths with ±15V Supplies
o No Power-Supply Sequencing Required
o ±4.5V to ±18V Dual Supplies
+9V to +36V Single Supply
o Low Power Consumption, <2mW
o Four Separately Controlled SPST Switches
o Pin-Compatible with Industry-Standard
DG411/DG412/DG413, DG201/DG202/DG213
o TTL- and CMOS-Compatible Logic Inputs with
Single +9V to +15V or ±15V Supplies
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
DIP/SO
MAX4511
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4511
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
N.C. = NOT CONNECTED
SWITCHES SHOWN FOR LOGIC "0" INPUT.
ALL SWITCHES ARE OFF WITH POWER REMOVED.
19-4760; Rev 0; 6/98
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX4511C/D
0°C to +70°C
Dice*
MAX4511CPE
0°C to +70°C
16 Plastic DIP
MAX4511CSE
0°C to +70°C
16 Narrow SO
Continued at end of data sheet.
MAX4511EPE
-40°C to +85°C
16 Plastic DIP
MAX4511MJE
-55°C to +125°C
16 CERDIP
MAX4511ESE
-40°C to +85°C
16 Narrow SO
Pin Configurations/
Functional Diagrams/Truth Tables


Similar Part No. - MAX4511C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511C/D MAXIM-MAX4511C/D Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
More results

Similar Description - MAX4511C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com