Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4511C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
______________________________________________________________________________________
11
Bipolar Supplies
The MAX4511/MAX4512/MAX4513 operate with bipolar
supplies between ±4.5V and ±18V. The V+ and V- sup-
plies need not be symmetrical, but their difference can
not exceed the absolute maximum rating of 44V.
Single Supply
The MAX4511/MAX4512/MAX4513 operate from a sin-
gle supply between +9V and +36V when V- is connect-
ed to GND.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up to
50MHz (see
Typical Operating Characteristics). Above
20MHz, the on-response has several minor peaks that
are highly layout dependent. The problem with high-fre-
quency operation is not turning the switch on, but turn-
ing it off. The off-state switch acts like a capacitor and
passes higher frequencies with less attenuation. At
10MHz, off isolation is about -42dB in 50
Ω systems,
becoming worse (approximately 20dB per decade) as
frequency increases. Higher circuit impedances also
make off isolation worse. Adjacent channel attenuation
is about 3dB above that of a bare IC socket and is due
entirely to capacitive coupling.
50%
tON
V+
0V
+10V
VOUT
VIN_
0V
90%
90%
tOFF
VIN_
V+
VOUT
GND
V+
IN_
NO_ OR NC_
COM_
+10V
MAX4511
MAX4512
MAX4513
2k
50
Ω
10pF
V-
V-
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
Figure 2. Switch Turn-On/Turn-Off Times
Test Circuits/Timing Diagrams
50%
V+
0V
VNO_, VNC_
VOUT
VIN_
0V
80%
tOPEN
V+
VOUT
VIN_
GND
V-
V-
2k
V+
IN_
IN_
NO_
NC_
COM_
COM_
+10V
MAX4513
50
Ω
10pF
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
tR < 5ns
tF < 5ns
Figure 3. MAX4513 Break-Before-Make Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com