Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4511C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4511C/D
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4511C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4511C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4511C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +10.8V to +13.2V, V- = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Applies with power on or off
(Note 2)
C, E, M
V
Applies with power on or off
(Note 2)
0V+
VNO_, VNC_
Fault-Free Analog Signal Range
V+ = 12V; VCOM _ = 0;
VNO_, VNC_ = 12V
V+ = 12V, VCOM_ = 10V,
ICOM_ = 1mA
V+ = 12V, VCOM_ = 10V,
ICOM_ = 1mA
M
20
CONDITIONS
C, E, M
Applies with power on or off
(Note 1)
C, E, M
V
-0.3
V+ + 0.3
VCOM_
Non-Protected Analog
Signal Range (COM_ Output)
V+ = 12V; VCOM_ = 10V;
VNO_, VNC = 0 or 12V
nA
Ω
ION_(OFF),
INC_(OFF)
30
M
NO_ or NC_ Off Leakage Current
(Notes 5, 9)
-0.5
0.01
0.5
+25°C
nA
ICOM_(OFF)
COM_ Off Leakage Current
(Notes 5, 9)
-0.5
0.01
0.5
V
-36
36
VNO_, VNC_
Fault-Protected Analog
Signal Range
∆RON
COM_ -NO_ or COM_ -NC_
On-Resistance Match Between
Channels (Note 4)
Ω
525
RON
COM_ -NO_ or COM_ -NC_
On-Resistance
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
+25°C
C, E
C, E
TA
+25°C
+25°C
410
260
390
450
-10
10
C, E
M
-200
200
-10
10
C, E
-200
200
M
V+ = 12V,
VCOM_ = 10V or 12V
-20
20
C, E
nA
ICOM_(ON)
COM_ On Leakage Current
(Notes 5, 9)
-400
400
M
-0.5
0.01
0.5
+25°C
VNO_ or VNC_ = ±25V,
VCOM_ = 0, V+ = 12V
-200
200
C, E
nA
INO_, INC_
NO_ or NC_ Off Input Leakage
Current, Supply On
-10
10
M
-20
20
+25°C
VNO_ or VNC_ = ±40V,
V+ = 0, V- = 0
-200
200
C, E
nA
INO_, INC_
NO_ or NC_ Input Leakage
Current, Supply Off
-10
10
M
-20
0.1
20
+25°C
VNO_ or VNC_ = 25V,
V+ = 12V
23
5
mA
ICOM_
COM_ Output Current,
Supply On
+25°C
VNO_ or VNC_ = 10V
V+ = 12V
k
Ω
RCOM_
COM_ Output Resistance,
Supply On
2.4
5
+25°C
µA
µA
VNO_ or VNC_ = ±30V,
V+ = 12V
-200
200
C, E
nA
ICOM_
COM_ Output Leakage
Current, Supply On
-1
1
M
-10
10
+25°C
µA
FAULT
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com