Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX504CSD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX504CSD Datasheet HTML 4Page - Maxim Integrated Products MAX504CSD Datasheet HTML 5Page - Maxim Integrated Products MAX504CSD Datasheet HTML 6Page - Maxim Integrated Products MAX504CSD Datasheet HTML 7Page - Maxim Integrated Products MAX504CSD Datasheet HTML 8Page - Maxim Integrated Products MAX504CSD Datasheet HTML 9Page - Maxim Integrated Products MAX504CSD Datasheet HTML 10Page - Maxim Integrated Products MAX504CSD Datasheet HTML 11Page - Maxim Integrated Products MAX504CSD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
5V, Low-Power, Voltage-Output
Serial 10-Bit DACs
8
_______________________________________________________________________________________
10
FUNCTION
1
BIPOFF
Bipolar offset/gain
resistor
2
DIN
Serial data input
3
CLR
Clear. Asynchronously sets
DAC register to all 0s.
PIN
—
1
4
SCLK
Serial clock input
5
CS
Chip select, active low
6
DOUT
Serial data output for
daisy-chaining
7
DGND
Digital ground
—
2
3
8
AGND
Analog ground
9
REFIN
Reference input
4
—
5
6
—
REFOUT
Reference output,
2.048V. Connect to VDD
if not used.
11
—
VSS
Negative power supply
12
7
VOUT
DAC output
13
8
VDD
Positive power supply
14
—
RFB
Feedback resistor
MAX504
MAX515
NAME
____________________Pin Description
_______________Detailed Description
General DAC Discussion
The MAX504/MAX515 use an “inverted” R-2R ladder net-
work with a single-supply CMOS op amp to convert 10-bit
digital data to analog voltage levels (see
Functional
Diagram). The term “inverted” describes the ladder net-
work because the REFIN pin in current-output DACs is the
summing junction, or virtual ground, of an op amp.
However, such use would result in the output voltage
being the inverse of the reference voltage. The
MAX504/MAX515’s topology makes the output the same
polarity as the reference input.
An internal reset circuit forces the DAC register to reset
to all 0s on power-up. Additionally, a clear (CLR) pin,
when held low, sets the DAC register to all 0s. CLR
operates asynchronously and independently from the
chip select (CS) pin.
Buffer Amplifier
The output buffer is a unity-gain stable, rail-to-rail output,
BiCMOS op amp. Input offset voltage and CMRR are
trimmed to achieve better than 10-bit performance.
Settling time is 25µs to 0.01% of final value. The output is
short-circuit protected and can drive a 2k
Ω load with more
than 100pF load capacitance.
tCSH0
tCSS
tCH
tCL
tCSH1
tCSW
tDS
tDH
tDO
CS
SCLK
DIN
DOUT
tCS1
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com