Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX504CSD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX504CSD Datasheet HTML 1Page - Maxim Integrated Products MAX504CSD Datasheet HTML 2Page - Maxim Integrated Products MAX504CSD Datasheet HTML 3Page - Maxim Integrated Products MAX504CSD Datasheet HTML 4Page - Maxim Integrated Products MAX504CSD Datasheet HTML 5Page - Maxim Integrated Products MAX504CSD Datasheet HTML 6Page - Maxim Integrated Products MAX504CSD Datasheet HTML 7Page - Maxim Integrated Products MAX504CSD Datasheet HTML 8Page - Maxim Integrated Products MAX504CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
_______________________________________________________________________________________
5
Note 2: In single-supply operation, INL and GE calculated from Code 3 to Code 1023.
Note 3: Guaranteed by design.
Note 4: Tested at IOUT = 100µA. The reference can typically source up to 5mA (see Typical Operating Characteristics).
Note 5: The timing characteristics limits for the MAX515 are guaranteed by design.
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (MAX504 Only) (continued)
(VDD = 5V, VSS = -5V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33µF, RL = 10kΩ,
CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Voltage-Output Slew Rate
SR
dB
0.15
0.25
VDD
V/µs
4.5
5.5
ISC
12
V
mA
Positive Supply Voltage
0.5
LSB
Negative Supply Voltage
Voltage-Output Settling Time
16
µs
Signal-to-Noise Plus Distortion
5
nV-s
VSS
-5.5
0
V
Short-Circuit Current
68
Digital Feedthrough
SINAD
68
Output Load Regulation
VSS + 2
VDD - 2
Output Voltage Range
VSS + 0.4
VDD - 0.4
V
CONDITIONS
VOUT = 2V, RL = 2kΩ
To ±1/2LSB, VOUT = 2V
Step all 0s to all 1s
REFIN = 1kHz, 2Vp-p (G = 1)
REFIN = 1kHz, 2Vp-p (G = 2)
(G = 1)
(G = 2)
CS Setup Time
tCSS
20
ns
SCLK Fall to CS Fall Hold Time
tCSH0
15
ns
SCLK Fall to CS Rise Hold Time
tCSH1
0
ns
SCLK High Width
tCH
35
ns
SCLK Low Width
tCL
35
ns
DIN Setup Time
tDS
45
ns
DIN Hold Time
tDH
0
ns
DOUT Valid Propagation Delay
tDO
CL = 50pF
80
ns
CS High Pulse Width
tCSW
20
ns
CLR Pulse Width
tCLR
25
ns
CS Rise to SCLK Rise Setup Time
tCS1
50
ns
Positive Supply Current
IDD
260
400
µA
All inputs = 0V or VDD, no load
Negative Supply Current
ISS
-120
-200
µA
All inputs = 0V or VDD, no load
VOLTAGE OUTPUT (VOUT)
DYNAMIC PERFORMANCE
POWER SUPPLY
SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com