Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX504CSD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX504CSD Datasheet HTML 1Page - Maxim Integrated Products MAX504CSD Datasheet HTML 2Page - Maxim Integrated Products MAX504CSD Datasheet HTML 3Page - Maxim Integrated Products MAX504CSD Datasheet HTML 4Page - Maxim Integrated Products MAX504CSD Datasheet HTML 5Page - Maxim Integrated Products MAX504CSD Datasheet HTML 6Page - Maxim Integrated Products MAX504CSD Datasheet HTML 7Page - Maxim Integrated Products MAX504CSD Datasheet HTML 8Page - Maxim Integrated Products MAX504CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX504/MAX515 are low-power, voltage-output,
10-bit digital-to-analog converters (DACs) specified for
single +5V power-supply operation. The MAX504 can
also be operated with ±5V supplies. The MAX515
draws only 140µA, and the MAX504 (with internal refer-
ence) draws only 260µA. The MAX515 comes in 8-pin
DIP and SO packages, while the MAX504 comes in 14-
pin DIP and SO packages. Both parts have been
trimmed for offset voltage, gain, and linearity, so no fur-
ther adjustment is necessary.
The MAX515’s buffer is fixed at a gain of 2. The MAX504’s
internal op amp may be configured for a gain of 1 or 2, as
well as for unipolar or bipolar output voltages. The
MAX504 can also be used as a four-quadrant multiplier
without external resistors or op amps.
For parallel data inputs, see the MAX503 data sheet.
For a hardware and software compatible 12-bit
upgrade, refer to the MAX531/MAX538/MAX539 data
sheet.
_______________________Applications
Battery-Powered Test Instruments
Digital Offset and Gain Adjustment
Battery-Operated/Remote Industrial Controls
Machine and Motion Control Devices
Cellular Telephones
___________________________Features
o Operate from Single +5V Supply
o Buffered Voltage Output
o Internal 2.048V Reference (MAX504)
o 140µA Supply Current (MAX515)
o INL = ±1/2LSB (max)
o Guaranteed Monotonic Over Temperature
o Flexible Output Ranges:
0V to VDD (MAX504/MAX515)
VSS to VDD (MAX504)
o 8-Pin SO/DIP (MAX515)
o Power-On Reset
o Serial Data Output for Daisy-Chaining
______________Ordering Information
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
VDD
VOUT
REFIN
AGND
DOUT
CS
SCLK
DIN
DIP/SO
TOP VIEW
MAX515
_________________Pin Configurations
________________Functional Diagram
19-0280; Rev 2; 11/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX504CPD
0°C to +70°C
14 Plastic DIP
MAX504CSD
0°C to +70°C
14 SO
DAC
10-BIT DAC REGISTER
16-BIT SHIFT REGISTER
4
DUMMY
BITS
CONTROL
LOGIC
POWER-UP
RESET
2.048V
REFERENCE*
AGND
SCLK
DIN
REFOUT*
REFIN BIPOFF*
RFB*
VOUT
VDD
DGND*
VSS*
DOUT
(LSB)
(MSB)
CLR*
CS
10 DATA BITS
2
0s
* MAX504 ONLY
MAX504
MAX515
Refer to the MAX531/MAX538/MAX539 data sheet for military tem-
perature or die equivalents.
MAX504 appears at end of data sheet.
MAX504EPD
-40°C to +85°C
14 Plastic DIP
MAX504ESD
-40°C to +85°C
14 SO
MAX515CPA
0°C to +70°C
8 Plastic DIP
MAX515EPA
-40°C to +85°C
8 Plastic DIP
MAX515CSA
0°C to +70°C
8 SO
MAX515ESA
-40°C to +85°C
8 SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX504CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5040EUB-T MAXIM-MAX5040EUB-T Datasheet
951Kb / 21P
Voltage-Tracking Controllers for PowerPC, DSPs, and ASICs
Rev 1; 12/03
MAX5041AEAI MAXIM-MAX5041AEAI Datasheet
680Kb / 26P
Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5041BEAI MAXIM-MAX5041BEAI Datasheet
406Kb / 26P
Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5041EAI MAXIM-MAX5041EAI Datasheet
406Kb / 26P
Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5042 MAXIM-MAX5042 Datasheet
335Kb / 22P
Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Rev 2; 6/04
More results

Similar Description - MAX504CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com