Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX504CSD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX504CSD Datasheet HTML 1Page - Maxim Integrated Products MAX504CSD Datasheet HTML 2Page - Maxim Integrated Products MAX504CSD Datasheet HTML 3Page - Maxim Integrated Products MAX504CSD Datasheet HTML 4Page - Maxim Integrated Products MAX504CSD Datasheet HTML 5Page - Maxim Integrated Products MAX504CSD Datasheet HTML 6Page - Maxim Integrated Products MAX504CSD Datasheet HTML 7Page - Maxim Integrated Products MAX504CSD Datasheet HTML 8Page - Maxim Integrated Products MAX504CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Bipolar Offset Error
VOS
±3
Gain Error (Unipolar or Bipolar)
GE
LSB
Differential Nonlinearity
±1
DNL
±1
LSB
LSB
Gain-Error Tempco
Bipolar Offset Tempco
TCVOS
3
ppm/°C
1
ppm/°C
Gain-Error Power-Supply
Rejection Ratio
PSRR
0.1
LSB/V
Voltage Range
Resolution
VSS + 2
VDD - 2
N
10
V
Input Resistance
Bits
40
k
Ω
Input Capacitance
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
BIPOFF = REFIN
Guaranteed monotonic
BIPOFF = REFIN
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V
Code dependent, minimum at code 0101...
Code dependent (Note 3)
REFIN = 1kHz, 2.0Vp-p
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (MAX504 Only)
(VDD = 5V, VSS = -5V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT, CREFOUT = 33µF, RL = 10kΩ,
CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
2.024
2.048
2.072
30
Resistance
RREFOUT
(Note 4)
0.5
2
Ω
Power-Supply Rejection Ratio
PSRR
4.5V
≤ VDD ≤ 5.5V
200
µV/V
en
0.1Hz to 10kHz
400
µVp-p
Noise Voltage
Required External Capacitor
CREFOUT
3.3
µF
Input High
VIH
2.4
V
Input Low
VIL
0.8
V
Input Current
IIN
VIN = 0V or VDD
±1
µA
Input Capacitance
CIN
8
pF
Output High
VOH
ISOURCE = 2mA
VDD - 1
V
Output Low
VOL
ISINK = 2mA
0.4
V
2.015
2.081
2.011
2.085
V
Reference Output Voltage
TA = +25°C
MAX504C
MAX504E
Relative Accuracy
INL
±0.5
LSB
Temperature Coefficient
TCREFOUT
ppm/°C
Offset-Error Power-Supply
Rejection Ratio
PSRR
0.1
LSB/V
4.5V
≤ VDD ≤ 5.5V, -5.5V ≤ VSS ≤ -4.5V
REFERENCE INPUT (REFIN)
REFERENCE OUTPUT (REFOUT—MAX504 Only)
DIGITAL INPUTS (DIN, SCLK, CS)
DIGITAL OUTPUT (DOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com