Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX504CSD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX504CSD
Description  5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX504CSD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX504CSD Datasheet HTML 2Page - Maxim Integrated Products MAX504CSD Datasheet HTML 3Page - Maxim Integrated Products MAX504CSD Datasheet HTML 4Page - Maxim Integrated Products MAX504CSD Datasheet HTML 5Page - Maxim Integrated Products MAX504CSD Datasheet HTML 6Page - Maxim Integrated Products MAX504CSD Datasheet HTML 7Page - Maxim Integrated Products MAX504CSD Datasheet HTML 8Page - Maxim Integrated Products MAX504CSD Datasheet HTML 9Page - Maxim Integrated Products MAX504CSD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5V, Low-Power, Voltage-Output,
Serial 10-Bit DACs
6
_______________________________________________________________________________________
80
0
10
1k
100k
MAX504
AMPLIFIER SIGNAL-TO-NOISE RATIO
10
FREQUENCY (Hz)
20
40
60
30
50
70
10k
100
REFIN = 4Vp-p
20
-30
1
MAX504
GAIN AND PHASE vs.FREQUENCY
-10
10
FREQUENCY (kHz)
10
100
0
-20
800
-180
0
180
GAIN
PHASE
RFB CONNECTED TO AGND (G=2)
RFB CONNECTED TO VOUT (G=1)
2.0520
2.0490
0
5.0
MAX504 REFERENCE OUTPUT VOLTAGE
vs. REFERENCE LOAD CURRENT
2.0495
2.0515
REFERENCE LOAD CURRENT (mA)
3.0
2.0505
2.0500
1.0
2.0
4.0
2.0510
0.5
1.5
2.5
3.5
4.5
4
-14
1
100
100k
MAX504
GAIN vs. FREQUENCY
-12
FREQUENCY (Hz)
-8
-4
0
2
-2
-6
-10
1k
10k
REFIN = 4Vp-p
120
-60
120
SUPPLY CURRENT vs.
TEMPERATURE
140
TEMPERATURE (
°C)
60
240
180
-20
20
80
300
-40
0
40
100
140
280
260
220
200
160
MAX515
MAX504
2.055
2.045
-60
120
MAX504
REFERENCE VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
60
2.050
-20
20
80 100
40
0
-40
12
0
0
0.8
OUTPUT SINK CAPABILITY vs.
OUTPUT PULL-DOWN VOLTAGE
2
10
OUTPUT PULL-DOWN VOLTAGE (V)
0.6
6
4
0.2
0.4
8
1.0
14
16
2
8
VDD-5
VDD-1
OUTPUT SOURCE CAPABILITY vs.
OUTPUT PULL-UP VOLTAGE
7
3
OUTPUT PULL-UP VOLTAGE (V)
VDD-2
5
6
VDD-4
VDD-3
4
VDD-0
1
0
-110
0
1
10
1k
100k
ANALOG FEEDTHROUGH vs.
FREQUENCY
-30
-70
FREQUENCY (Hz)
100
10k
1M
-100
-90
-80
-60
-50
-40
-20
-10
CODE = all 0s
__________________________________________Typical Operating Characteristics
(VDD = +5V, VREFIN = 2.048V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com