Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX488ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX488ESA Datasheet HTML 4Page - Maxim Integrated Products MAX488ESA Datasheet HTML 5Page - Maxim Integrated Products MAX488ESA Datasheet HTML 6Page - Maxim Integrated Products MAX488ESA Datasheet HTML 7Page - Maxim Integrated Products MAX488ESA Datasheet HTML 8Page - Maxim Integrated Products MAX488ESA Datasheet HTML 9Page - Maxim Integrated Products MAX488ESA Datasheet HTML 10Page - Maxim Integrated Products MAX488ESA Datasheet HTML 11Page - Maxim Integrated Products MAX488ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
__________Applications Information
The MAX481/MAX483/MAX485/MAX487–MAX491 and
MAX1487 are low-power transceivers for RS-485 and RS-
422 communications. The MAX481, MAX485, MAX490,
MAX491, and MAX1487 can transmit and receive at data
rates up to 2.5Mbps, while the MAX483, MAX487,
MAX488, and MAX489 are specified for data rates up to
250kbps. The MAX488–MAX491 are full-duplex trans-
ceivers while the MAX481, MAX483, MAX485, MAX487,
and MAX1487 are half-duplex. In addition, Driver Enable
(DE) and Receiver Enable (RE) pins are included on the
MAX481, MAX483, MAX485, MAX487, MAX489,
MAX491, and MAX1487. When disabled, the driver and
receiver outputs are high impedance.
MAX487/MAX1487:
128 Transceivers on the Bus
The 48kΩ, 1/4-unit-load receiver input impedance of the
MAX487 and MAX1487 allows up to 128 transceivers
on a bus, compared to the 1-unit load (12kΩ input
impedance) of standard RS-485 drivers (32 trans-
ceivers maximum). Any combination of MAX487/
MAX1487 and other RS-485 transceivers with a total of
32 unit loads or less can be put on the bus. The
MAX481/MAX483/MAX485 and MAX488–MAX491 have
standard 12kΩ Receiver Input impedance.
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
8
_______________________________________________________________________________________
MAX488
MAX490
TOP VIEW
1
2
3
4
RO
DI
GND
8
7
6
5
A
B
Z
Y
VCC
DIP/SO
R
D
Rt
Rt
VCC
5
6
7
8
RO
DI
GND
4
GND
DI
RO
3
2
A
B
Y
Z
VCC
DR
R
D
1
3
VCC
4
RO
2
A
1
6
5
7
8
GND
DI
Y
Z
B
µMAX
MAX488
MAX490
NOTE: TYPICAL OPERATING CIRCUIT SHOWN WITH DIP/SO PACKAGE.
MAX489
MAX491
DIP/SO
TOP VIEW
Rt
Rt
DE
VCC
RE GND
VCC RE
GND
DE
RO
DI
9
10
12
11
B
A
Z
Y
5
RO
NC
DI
2
1, 8, 13
3
6, 7
14
4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
N.C.
N.C.
A
B
Z
Y
N.C.
RO
RE
DE
DI
GND
GND
R
D
D
RD
R
Figure 2. MAX488/MAX490 Pin Configuration and Typical Operating Circuit
Figure 3. MAX489/MAX491 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com