Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX488ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX488ESA Datasheet HTML 2Page - Maxim Integrated Products MAX488ESA Datasheet HTML 3Page - Maxim Integrated Products MAX488ESA Datasheet HTML 4Page - Maxim Integrated Products MAX488ESA Datasheet HTML 5Page - Maxim Integrated Products MAX488ESA Datasheet HTML 6Page - Maxim Integrated Products MAX488ESA Datasheet HTML 7Page - Maxim Integrated Products MAX488ESA Datasheet HTML 8Page - Maxim Integrated Products MAX488ESA Datasheet HTML 9Page - Maxim Integrated Products MAX488ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
120
0
08
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
20
100
OUTPUT LOW VOLTAGE (V)
6
60
40
24
80
10
12
140
-120
0
-7
-5
-1
5
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
-20
-80
OUTPUT HIGH VOLTAGE (V)
-3
1
-60
3
-6
-4
-2
0
2
4
-100
-40
100
-40
-60
-20
40
100 120
MAX1487
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (°C)
20
60 80
500
200
600
400
0
0
140
MAX1487; DE = VCC, RE = X
MAX1487; DE = 0V, RE = X
100
-50
-25
50
100
MAX481/MAX485/MAX490/MAX491
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
MAX481/MAX485; DE = VCC, RE = X
MAX485; DE = 0, RE = X,
MAX481; DE = RE = 0
MAX490/MAX491; DE = RE = X
MAX481; DE = 0, RE = VCC
100
-50
-25
50
100
MAX483/MAX487–MAX489
SUPPLY CURRENT vs. TEMPERATURE
300
TEMPERATURE (
°C)
25
75
500
200
600
400
0
0
125
MAX483; DE = VCC, RE = X
MAX487; DE = VCC, RE = X
MAX483/MAX487; DE = 0, RE = VCC
MAX483/MAX487; DE = RE = 0,
MAX488/MAX489; DE = RE = X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com