Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX488ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX488ESA Datasheet HTML 5Page - Maxim Integrated Products MAX488ESA Datasheet HTML 6Page - Maxim Integrated Products MAX488ESA Datasheet HTML 7Page - Maxim Integrated Products MAX488ESA Datasheet HTML 8Page - Maxim Integrated Products MAX488ESA Datasheet HTML 9Page - Maxim Integrated Products MAX488ESA Datasheet HTML 10Page - Maxim Integrated Products MAX488ESA Datasheet HTML 11Page - Maxim Integrated Products MAX488ESA Datasheet HTML 12Page - Maxim Integrated Products MAX488ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MAX483/MAX487/MAX488/MAX489:
Reduced EMI and Reflections
The MAX483 and MAX487–MAX489 are slew-rate limit-
ed, minimizing EMI and reducing reflections caused by
improperly terminated cables. Figure 12 shows the dri-
ver output waveform and its Fourier analysis of a
150kHz signal transmitted by a MAX481, MAX485,
MAX490, MAX491, or MAX1487. High-frequency har-
monics with large amplitudes are evident. Figure 13
shows the same information displayed for a MAX483,
MAX487, MAX488, or MAX489 transmitting under the
same conditions. Figure 13’s high-frequency harmonics
have much lower amplitudes, and the potential for EMI
is significantly reduced.
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
_______________________________________________________________________________________
9
R
R
Y
Z
VOD
VOC
RECEIVER
OUTPUT
TEST POINT
1kΩ
1kΩ
S1
S2
VCC
CRL
15pF
DI
DE
3V
Y
Z
CL1
CL2
A
B
RO
RE
RDIFF
VID
OUTPUT
UNDER TEST
500Ω
S1
S2
VCC
CL
_________________________________________________________________Test Circuits
Figure 4. Driver DC Test Load
Figure 5. Receiver Timing Test Load
Figure 6. Driver/Receiver Timing Test Circuit
Figure 7. Driver Timing Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com