Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ESA Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX488ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ESA Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX488ESA Datasheet HTML 11Page - Maxim Integrated Products MAX488ESA Datasheet HTML 12Page - Maxim Integrated Products MAX488ESA Datasheet HTML 13Page - Maxim Integrated Products MAX488ESA Datasheet HTML 14Page - Maxim Integrated Products MAX488ESA Datasheet HTML 15Page - Maxim Integrated Products MAX488ESA Datasheet HTML 16Page - Maxim Integrated Products MAX488ESA Datasheet HTML 17Page - Maxim Integrated Products MAX488ESA Datasheet HTML 18Page - Maxim Integrated Products MAX488ESA Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
18
______________________________________________________________________________________
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
ÿ 0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6∞
S
b
L
H
E
D
e
c
0∞
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6∞
0∞
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com