Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX488ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX488ESA Datasheet HTML 1Page - Maxim Integrated Products MAX488ESA Datasheet HTML 2Page - Maxim Integrated Products MAX488ESA Datasheet HTML 3Page - Maxim Integrated Products MAX488ESA Datasheet HTML 4Page - Maxim Integrated Products MAX488ESA Datasheet HTML 5Page - Maxim Integrated Products MAX488ESA Datasheet HTML 6Page - Maxim Integrated Products MAX488ESA Datasheet HTML 7Page - Maxim Integrated Products MAX488ESA Datasheet HTML 8Page - Maxim Integrated Products MAX488ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX481, MAX483, MAX485, MAX487–MAX491, and
MAX1487 are low-power transceivers for RS-485 and RS-
422 communication. Each part contains one driver and one
receiver. The MAX483, MAX487, MAX488, and MAX489
feature reduced slew-rate drivers that minimize EMI and
reduce reflections caused by improperly terminated cables,
thus allowing error-free data transmission up to 250kbps.
The driver slew rates of the MAX481, MAX485, MAX490,
MAX491, and MAX1487 are not limited, allowing them to
transmit up to 2.5Mbps.
These transceivers draw between 120µA and 500µA of
supply current when unloaded or fully loaded with disabled
drivers. Additionally, the MAX481, MAX483, and MAX487
have a low-current shutdown mode in which they consume
only 0.1µA. All parts operate from a single 5V supply.
Drivers are short-circuit current limited and are protected
against excessive power dissipation by thermal shutdown
circuitry that places the driver outputs into a high-imped-
ance state. The receiver input has a fail-safe feature that
guarantees a logic-high output if the input is open circuit.
The MAX487 and MAX1487 feature quarter-unit-load
receiver input impedance, allowing up to 128 MAX487/
MAX1487 transceivers on the bus. Full-duplex communi-
cations are obtained using the MAX488–MAX491, while
the MAX481, MAX483, MAX485, MAX487, and MAX1487
are designed for half-duplex applications.
________________________Applications
Low-Power RS-485 Transceivers
Low-Power RS-422 Transceivers
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
__Next Generation Device Features
♦ For Fault-Tolerant Applications
MAX3430: ±80V Fault-Protected, Fail-Safe, 1/4
Unit Load, +3.3V, RS-485 Transceiver
MAX3440E–MAX3444E: ±15kV ESD-Protected,
±60V Fault-Protected, 10Mbps, Fail-Safe,
RS-485/J1708 Transceivers
♦ For Space-Constrained Applications
MAX3460–MAX3464: +5V, Fail-Safe, 20Mbps,
Profibus RS-485/RS-422 Transceivers
MAX3362: +3.3V, High-Speed, RS-485/RS-422
Transceiver in a SOT23 Package
MAX3280E–MAX3284E: ±15kV ESD-Protected,
52Mbps, +3V to +5.5V, SOT23, RS-485/RS-422,
True Fail-Safe Receivers
MAX3293/MAX3294/MAX3295: 20Mbps, +3.3V,
SOT23, RS-855/RS-422 Transmitters
♦ For Multiple Transceiver Applications
MAX3030E–MAX3033E: ±15kV ESD-Protected,
+3.3V, Quad RS-422 Transmitters
♦ For Fail-Safe Applications
MAX3080–MAX3089: Fail-Safe, High-Speed
(10Mbps), Slew-Rate-Limited RS-485/RS-422
Transceivers
♦ For Low-Voltage Applications
MAX3483E/MAX3485E/MAX3486E/MAX3488E/
MAX3490E/MAX3491E: +3.3V Powered, ±15kV
ESD-Protected, 12Mbps, Slew-Rate-Limited,
True RS-485/RS-422 Transceivers
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
________________________________________________________________ Maxim Integrated Products
1
______________________________________________________________Selection Table
19-0122; Rev 8; 10/03
MAX481
MAX483
MAX485
MAX487
MAX488
MAX489
MAX490
MAX491
MAX1487
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED
LOW-POWER
SHUTDOWN
RECEIVER/
DRIVER
ENABLE
QUIESCENT
CURRENT
(
µA)
NUMBER OF
TRANSMITTERS
ON BUS
PIN
COUNT
Half
Half
Half
Half
Full
Full
Full
Full
Half
2.5
0.25
2.5
0.25
0.25
0.25
2.5
2.5
2.5
No
Yes
No
Yes
Yes
Yes
No
No
No
Yes
Yes
No
Yes
No
No
No
No
No
Yes
Yes
Yes
Yes
No
Yes
No
Yes
Yes
300
120
300
120
120
120
300
300
230
32
32
32
128
32
32
32
32
128
8
8
8
8
8
14
8
14
8
Ordering Information appears at end of data sheet.


Similar Part No. - MAX488ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX488ECPA MAXIM-MAX488ECPA Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX488ECSA MAXIM-MAX488ECSA Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX488EEPA MAXIM-MAX488EEPA Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX488EESA MAXIM-MAX488EESA Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
More results

Similar Description - MAX488ESA

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com