Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX534BEEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX534BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX534 serial-input, voltage-output, 8-bit quad dig-
ital-to-analog converter (DAC) operates from a single
+4.5V to +5.5V supply. Internal precision buffers swing
rail to rail, and the reference input range includes both
ground and the positive rail. The MAX534 features a
2.5µA shutdown mode.
The serial interface is double buffered: a 12-bit input
shift register is followed by four 8-bit buffer registers and
four 8-bit DAC registers. The 12-bit serial word consists
of eight data bits and four control bits (for DAC selection
and special programming commands). Both the input
and DAC registers can be updated independently or
simultaneously with a single software command. Two
additional asynchronous control pins,
LDAC and CLR,
provide simultaneous updating or clearing of the input
and DAC registers.
The interface is compatible with SPI™, QSPI™ (CPOL =
CPHA = 0 or CPOL = CPHA = 1), and Microwire™. A
buffered data output allows daisy chaining of serial
devices.
In addition to 16-pin DIP and CERDIP packages, the
MAX534 is available in a 16-pin QSOP that occupies the
same area as an 8-pin SO.
For operation guaranteed to 2.7V, see the MAX533
data sheet.
________________________Applications
Digital Gain and Offset Adjustments
Programmable Attenuators
Programmable Current Sources
Portable Instruments
____________________________Features
o +4.5V to +5.5V Single-Supply Operation
o Ultra-Low Supply Current:
0.8mA while Operating
2.5µA in Shutdown Mode
o Ultra-Small 16-Pin QSOP Package
o Ground to VDD Reference Input Range
o Output Buffer Amplifiers Swing Rail to Rail
o 10MHz Serial Interface Compatible with SPI, QSPI
(CPOL = CPHA = 0 or CPOL = CPHA = 1), and
Microwire
o Double-Buffered Registers for Synchronous
Updating
o Serial Data Output for Daisy Chaining
o Power-On Reset Clears Serial Interface and Sets
All Registers to Zero
o Software Shutdown
o Software-Programmable Logic Output (µC I/O
Extender)
o Asynchronous Hardware Clear Resets All Internal
Registers to Zero
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTC
OUTD
AGND
VDD
DGND
DIN
SCLK
CS
OUTB
OUTA
REF
UPO
PDE
LDAC
CLR
DOUT
TOP VIEW
MAX534
DIP/QSOP
__________________Pin Configuration
19-1105; Rev 0; 8/96
PART
MAX534ACPE
MAX534BCPE
MAX534ACEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Plastic DIP
16 QSOP
______________Ordering Information
*Dice are tested at TA = +25°C.
**Contact factory for availability and processing to MIL-STD-883.
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
Functional Diagram appears at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX534BCEE
0°C to +70°C
16 QSOP
MAX534BC/D
0°C to +70°C
Dice*
MAX534AEPE
-40°C to +85°C
16 Plastic DIP
MAX534BEPE
-40°C to +85°C
16 Plastic DIP
MAX534AEEE
-40°C to +85°C
16 QSOP
MAX534BEEE
-40°C to +85°C
16 QSOP
MAX534AMJE
-55°C to +125°C
16 CERDIP**
MAX534BMJE
-55°C to +125°C
16 CERDIP**
INL
(LSB)
±1
±2
±1
±2
±2
±1
±2
±1
±2
±1
±2


Similar Part No. - MAX534BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302CUA MAXIM-MAX5302CUA Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5302EUA MAXIM-MAX5302EUA Datasheet
696Kb / 12P
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
More results

Similar Description - MAX534BEEE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
logo
Maxim Integrated Produc...
MAX5100 MAXIM-MAX5100 Datasheet
401Kb / 8P
2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
Rev 0; 10/99
MAX5258 MAXIM-MAX5258 Datasheet
509Kb / 20P
3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
Rev 1; 4/01
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Analog Devices
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com