Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BEEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX534BEEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BEEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX534BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
7
• • •
• • •
• • •
• • •
A1 A0
C1 C0
D7 D6
D5 D4 D3 D2 D1 D0
MSB
LSB
DACA
DATA FROM PREVIOUS DATA INPUT
DATA FROM PREVIOUS DATA INPUT
A1 A0
C1 C0
D7
D6 D5 D4 D3 D2
D1 D0
MSB
LSB
DACD
A1
A1
A1
A0
C1
C0
D7
D6 D5 D4 D3 D2 D1 D0
A1
A0
C1 C0
D7
A0
C1 C0
D7
D6 D5 D4 D3 D2 D1
D0
A1
A1
A0 C1
C0
D7
D6 D5
D4 D3 D2
D1 D0
A1
D6
D5 D4 D3 D2 D1 D0
A1
DOUT
MODE 0
(DEFAULT)
DOUT
MODE 1
DIN
SCLK
• • •
CS
INSTRUCTION
EXECUTED
Figure 1. 3-Wire Interface Timing
tCS0
tCL
tDH
tDS
tCP
tCSH
tD02
tCLL
tD01
tCS1
tCH
tCSS
tCSW
CS
SCLK
DIN
DOUT
LDAC
tLDAC
Figure 2. Detailed Serial-Interface Timing Diagram
Figure 2. Detailed Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com