Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BEEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX534BEEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BEEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX534BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
5
0
0
DAC ZERO-CODE OUTPUT VOLTAGE vs.
OUTPUT SINK CURRENT
DAC OUTPUT SINK CURRENT (mA)
0.25
0.50
0.75
1.00
1.25
1.50
12
3
4
5
678
DAC CODE = 00 HEX
LOAD TO VDD
VREF = 5V
2.0
0
DAC FULL-SCALE OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT
DAC OUTPUT SOURCE CODE (mA)
2.5
3.0
3.5
4.0
4.5
5.0
24
6
8
10
12
VREF = 5V
DAC CODE = FF HEX
LOAD TO GND
0
-55
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (°C)
200
400
600
800
1000
-35 -15
5
25
45
65
85 105 125
DAC CODE = 00 HEX
DAC CODE = FF HEX
VREF = 4.5V
0
-55
SHUTDOWN SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (°C)
1
2
3
3
5
-35 -15
5
25
45
65
85 105 125
0
0
SUPPLY CURRENT vs.
REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
200
400
600
800
1000
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
ALL DAC CODES = 00 HEX
ALL DAC CODES = FF HEX
__________________________________________Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com