Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX534BEEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX534BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
______________________________________________________________________________________
13
__________Applications Information
DAC Linearity and Voltage Offset
The output buffer can have a negative input offset volt-
age that would normally drive the output negative, but
since there is no negative supply the output stays at 0V
(Figure 9). When linearity is determined using the end-
point method, it is measured between zero code (all
inputs 0) and full-scale code (all inputs 1) after offset
and gain error are calibrated out. However, in single-
supply operation the next code after zero may not
change the output, so the lowest code that produces a
positive output is the lower endpoint.
Power Sequencing
The voltage applied to REF should not exceed VDD at
any time. If proper power sequencing is not possible,
connect an external Schottky diode between REF and
VDD to ensure compliance with the absolute maximum
ratings. Do not apply signals to the digital inputs before
the device is fully powered up.
Power-Supply Bypassing
and Ground Management
Connect AGND and DGND together at the IC. This
ground should then return to the highest-quality ground
available. Bypass VDD with a 0.1µF capacitor, located
as close to VDD and DGND as possible.
Careful PC board layout minimizes crosstalk among
DAC outputs and digital inputs. Figure 10 shows sug-
gested circuit board layout to minimize crosstalk.
Unipolar-Output,
Two-Quadrant Multiplication
In unipolar operation, the output voltages and the refer-
ence input are the same polarity. Figure 11 shows the
MAX534 unipolar configuration, and Table 2 shows the
unipolar code.
DAC CODE
0V
NEGATIVE
OFFSET
OUTPUT
VOLTAGE
Figure 9. Effect of Negative Offset (Single Supply)
OUTC
OUTD
AGND
OUTB
OUTA
REF
SYSTEM GND
Figure 10. Suggested PC Board Layout for Minimizing
Crosstalk (Bottom View)
DAC A
DAC B
DAC C
DAC D
REFAB
MAX534
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUT
2
1
16
15
VDD
+3V
313
14
12
AGND
DGND
Figure 11. Unipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com