Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX534BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX534BEEE
Description  5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX534BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX534BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX534BEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
PIN
DAC B Voltage Output
OUTB
1
FUNCTION
NAME
DAC A Voltage Output
OUTA
2
Software-Programmable Logic Output
UPO
4
Reference-Voltage Input
REF
3
Load DAC Input (active low). Driving this asynchronous input low (level sensitive) transfers the contents
of each input latch to its respective DAC latch.
LDAC
6
Serial Data Output. Sinks and sources current. Data at DOUT can be clocked out on the rising or falling
edge of SCLK (Table 1).
DOUT
8
Clear DAC Input (active low). Driving
CLR low asynchronously clears the input and DAC registers, and
sets all DAC outputs to zero.
CLR
7
Power-Down Enable. Must be high to allow software shutdown mode.
PDE
5
Serial Clock Input. Data is clocked in on the rising edge and clocked out on the falling (default) or rising
edge (A0 = A1 = 1, see Table 1).
SCLK
10
Digital Ground
DGND
12
Serial Data Input. Data is clocked in on the rising edge of SCLK.
DIN
11
Analog Ground
AGND
14
DAC C Voltage Output
OUTC
16
DAC D Voltage Output
OUTD
15
Power Supply, +4.5V to +5.5V
VDD
13
Chip-Select Input (active low). Data is shifted in and out when
CS is low. Programming commands are
executed when
CS returns high.
CS
9
+5V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com