Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX982. Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX982.
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982. Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX982. Datasheet HTML 4Page - Maxim Integrated Products MAX982. Datasheet HTML 5Page - Maxim Integrated Products MAX982. Datasheet HTML 6Page - Maxim Integrated Products MAX982. Datasheet HTML 7Page - Maxim Integrated Products MAX982. Datasheet HTML 8Page - Maxim Integrated Products MAX982. Datasheet HTML 9Page - Maxim Integrated Products MAX982. Datasheet HTML 10Page - Maxim Integrated Products MAX982. Datasheet HTML 11Page - Maxim Integrated Products MAX982. Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
8
_______________________________________________________________________________________
Pin Description (continued)
Comparator C Open-Drain Output. Sinks current to GND.
OUTC
16
Comparator D Open-Drain Output. Sinks current to GND.
OUTD
15
Ground. Connect to V- for single-supply operation.
GND
14
Noninverting Input of Comparator D
IND+
13
Inverting Input of Comparator D
IND-
12
Noninverting Input of Comparator C
INC+
11
Inverting Input of Comparator C
INC-
10
Negative Supply. Connect to ground for single-supply operation.
V-
9
Reference Output. 1.182V with respect to V-.
REF
8
Noninverting Input of Comparator B
INB+
7
Inverting Input of Comparator B
INB-
6
Noninverting Input of Comparator A
INA+
5
Inverting Input of Comparator A
INA-
4
Positive Supply
V+
3
Comparator A Open-Drain Output. Sinks current to GND.
OUTA
2
Comparator B Open-Drain Output. Sinks current to GND.
OUTB
1
FUNCTION
NAME
PIN
MAX974
MAX984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com