Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX982. Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX982.
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982. Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX982. Datasheet HTML 1Page - Maxim Integrated Products MAX982. Datasheet HTML 2Page - Maxim Integrated Products MAX982. Datasheet HTML 3Page - Maxim Integrated Products MAX982. Datasheet HTML 4Page - Maxim Integrated Products MAX982. Datasheet HTML 5Page - Maxim Integrated Products MAX982. Datasheet HTML 6Page - Maxim Integrated Products MAX982. Datasheet HTML 7Page - Maxim Integrated Products MAX982. Datasheet HTML 8Page - Maxim Integrated Products MAX982. Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
5
2.0
-60
140
MAX9_1
SUPPLY CURRENT vs.
TEMPERATURE
2.5
4.5
TEMPERATURE (
°C)
60
3.5
3.0
-20
20
100
4.0
V+ = 5V, V- = - 5V
V+ = 3V, V- = 0V
V+ = 5V, V- = 0V
IN+ = IN- + 100mV
4.5
1.5
-60
140
MAX972
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 10V, V- = 0V
4.5
5.0
-60
140
MAX982/MAX9_3
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
10
3
-60
140
MAX9_4
SUPPLY CURRENT vs. TEMPERATURE
4
8
TEMPERATURE (
°C)
60
6
5
-20
20
100
7
9
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 5V, V- = -5V
10
0.01
1.0
2.0
2.5
MAX9_4
SUPPLY CURRENT vs.
LOW SUPPLY VOLTAGES
0.1
1
SINGLE-SUPPLY VOLTAGE (V)
1.5
80
-80
010
30
50
MAX9_1/MAX982/MAX9_3
HYSTERESIS CONTROL
-40
40
VREF - VHYST (mV)
20
40
0
60
-60
20
-20
NO CHANGE
OUTPUT LOW
OUTPUT HIGH
__________________________________________Typical Operating Characteristics
(V+ = 5V, V- = GND = 0V, TA = +25°C, unless otherwise noted.)
0
020
OUTPUT VOLTAGE LOW
vs. LOAD CURRENT
0.5
2.5
LOAD CURRENT (mA)
12
1.5
1.0
48
16
2.0
V+ = 5V
V+ = 3V
1.155
0
5
15
25
REFERENCE OUTPUT VOLTAGE vs.
OUTPUT LOAD CURRENT
1.165
1.185
OUTPUT LOAD CURRENT (
µA)
10
20
1.175
1.190
1.160
1.180
1.170
V+ = 5V
OR
V+ = 3V
30
SINK
SOURCE
1.22
1.14
-60
-20
60
140
MAX971/MAX973/MAX974
REFERENCE VOLTAGE vs. TEMPERATURE
1.16
1.20
TEMPERATURE (
°C)
20
100
1.18
1.21
1.15
1.19
1.17
-40
0
80
40
120
EXTENDED TEMP RANGE
COMMERCIAL
TEMP RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com