Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX982. Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX982.
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982. Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX982. Datasheet HTML 1Page - Maxim Integrated Products MAX982. Datasheet HTML 2Page - Maxim Integrated Products MAX982. Datasheet HTML 3Page - Maxim Integrated Products MAX982. Datasheet HTML 4Page - Maxim Integrated Products MAX982. Datasheet HTML 5Page - Maxim Integrated Products MAX982. Datasheet HTML 6Page - Maxim Integrated Products MAX982. Datasheet HTML 7Page - Maxim Integrated Products MAX982. Datasheet HTML 8Page - Maxim Integrated Products MAX982. Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX971–MAX974 and MAX981–MAX984 single/
dual/quad low-voltage comparators feature the lowest
power consumption available. These micropower
devices draw less than 4µA supply current over
temperature (MAX971/MAX972/MAX981/MAX982), and
include an internal 1.182V ±1% (MAX971/MAX973/
MAX974) or ±2% (MAX981–MAX984) voltage reference
and programmable hysteresis.
Ideal for 3V or 5V single-supply applications, these
devices operate from a single 2.5V to 11V supply (or
±1.25V to ±5.5V dual supplies), and each comparator’s
input voltage ranges from the negative supply rail to within
1.3V of the positive supply.
The single MAX971/MAX981 and the dual MAX973/
MAX982/MAX983 provide a unique, simple method for
adding hysteresis without feedback or complicated
equations, simply by using the HYST pin plus two
resistors.
The MAX971–MAX974 and MAX981–MAX984’s open-
drain outputs permit wire-ORed configurations. Thanks to
an 11V output range and separate GND pin for the output
transistor (MAX971/MAX974, MAX981/MAX984), these
devices are ideal for level translators and bipolar to single-
ended converters. For similar devices with complementary
output stages, see the MAX921–MAX924 (1% reference)
and the MAX931–MAX934 (2% reference).
Features
o Available in Ultra-Small Packages:
UCSP™ (MAX972)
µMAX (MAX9_1/MAX9_2/MAX9_3)
o Ultra-Low Quiescent Current (4µA, max)
Over Extended Temp Range (MAX971/MAX981)
o Power Supplies:
Single 2.5V to 11V
Dual ±1.25V to ±5.5V
o Input Voltage Range Includes Negative Supply
o Internal Bandgap Reference
1.182V ±1% (MAX97_)
1.182V ±2% (MAX98_)
o 12µs Propagation Delay (10mV Overdrive)
o Output Has Separate GND Pin (MAX9_1/MAX9_4)
Applications
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
________________________________________________________________________________________ 1
MAX971
MAX981
OUT
IN+
HYST
REF
V-
GND
V+
21
4
5
6
8
3
7
IN-
THRESHOLD DETECTOR
VIN
Typical Operating Circuit
19-0450; Rev 3; 2/03
Ordering Information continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
MAX971
1%
Yes
8-Pin
DIP/SO/µMAX
MAX972
None
No
8-Pin UCSP/
DIP/SO/µMAX
MAX973
1%
Yes
8-Pin
DIP/SO/µMAX
MAX974
1%
No
16-Pin DIP/SO
MAX981
2%
Yes
8-Pin
DIP/SO/µMAX
MAX982
2%
Yes
8-Pin
DIP/SO/µMAX
MAX983
2%
Yes
8-Pin
DIP/SO/µMAX
MAX984
2%
No
16-Pin DIP/SO
1
2
2
4
1
2
2
4
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX971CPA
0
°C to +70°C
8 Plastic Dip
MAX971CSA
0
°C to +70°C
8 SO
MAX971CUA
0
°C to +70°C
8 µMAX
Battery-Powered
Systems
Threshold Detectors
Window Comparators
Level Translators
Oscillator Circuits


Similar Part No. - MAX982.

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
MAX9820 MAXIM-MAX9820 Datasheet
120Kb / 4P
Evaluation Kit
Rev 0; 9/09
logo
Analog Devices
MAX9820 AD-MAX9820 Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0 7/09
logo
Maxim Integrated Produc...
MAX9820ETB+ MAXIM-MAX9820ETB+ Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
Analog Devices
MAX9820ETB+ AD-MAX9820ETB+ Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0 7/09
More results

Similar Description - MAX982.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com