Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX982. Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX982.
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982. Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX982. Datasheet HTML 2Page - Maxim Integrated Products MAX982. Datasheet HTML 3Page - Maxim Integrated Products MAX982. Datasheet HTML 4Page - Maxim Integrated Products MAX982. Datasheet HTML 5Page - Maxim Integrated Products MAX982. Datasheet HTML 6Page - Maxim Integrated Products MAX982. Datasheet HTML 7Page - Maxim Integrated Products MAX982. Datasheet HTML 8Page - Maxim Integrated Products MAX982. Datasheet HTML 9Page - Maxim Integrated Products MAX982. Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 5V, V- = GND = 0V, TA = +25°C, unless otherwise noted.)
1000
1
1.0
2.0
2.2
2.4
RESPONSE TIME
AT LOW SUPPLY VOLTAGES (VOHL)
10
100
SINGLE-SUPPLY VOLTAGE (V)
1.2
1.4
1.6
1.8
-20mV
-100mV
RPULLUP = 10k
Ω
100
0.1
1.0
2.0
2.5
MAX9_4
SINK CURRENT
AT LOW SUPPLY VOLTAGES
1
10
SINGLE-SUPPLY VOLTAGE (V)
1.5
SINK CURRENT AT VOUT = 0.4V
20
15
0
010
SHORT-CIRCUIT SINK CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
5
10
5
25
OUT CONNECTED TO V+
GND CONNECTED TO V-
5.0
0
-0.3
-0.1
0.3
MAX9_1/MAX972/MAX9_4
TRANSFER FUNCTION
1.0
4.0
IN+ INPUT VOLTAGE (mV)
0.1
3.0
2.0
4.5
0.5
3.5
2.5
1.5
-0.2
0
0.2
100k
Ω
+5V
10k
Ω
V0
10
µF
18
2
0
20
60
100
RESPONSE TIME vs.
LOAD CAPACITANCE
6
14
LOAD CAPACITANCE (nF)
40
80
10
16
4
12
8
V- = 0V
VOHL
-2
2
10
18
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES (VOHL)
0
4
RESPONSE TIME (
µs)
614
2
0
5
100
3
1
50mV
100mV
20mV
10mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com