Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX982. Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX982.
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX982. Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX982. Datasheet HTML 1Page - Maxim Integrated Products MAX982. Datasheet HTML 2Page - Maxim Integrated Products MAX982. Datasheet HTML 3Page - Maxim Integrated Products MAX982. Datasheet HTML 4Page - Maxim Integrated Products MAX982. Datasheet HTML 5Page - Maxim Integrated Products MAX982. Datasheet HTML 6Page - Maxim Integrated Products MAX982. Datasheet HTML 7Page - Maxim Integrated Products MAX982. Datasheet HTML 8Page - Maxim Integrated Products MAX982. Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
2
_______________________________________________________________________________________
V+ to V-, V+ to GND, GND to V-................................-0.3V, +12V
Inputs
Current: IN_+, IN_-, HYST..............................................20mA
Voltage: IN_+, IN_-, HYST ...............(V+ + 0.3V) to (V- - 0.3V)
Outputs
Current: REF...................................................................20mA
OUT_ ................................................................50mA
Voltage: REF ....................................(V+ + 0.3V) to (V- - 0.3V)
OUT_ (MAX9_1/9_4)..................12V to (GND - 0.3V)
(MAX9_2/9_3).......................12V to (V- - 0.3V)
OUT_ Short-Circuit Duration ..................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Bump UCSP (derate 4.7mW/°C above +70°C) ........379mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)..842mW
16-Pin SO (derate 8.70mW/°C above +70°C) ................696mW
Operating Temperature Ranges
MAX97_C_ _/MAX98_C_ _ ..................................0°C to +70°C
MAX97_E_ _/MAX98_E_ _ ...............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering)
Reflow ..........................................................................+235°C
ELECTRICAL CHARACTERISTICS—5V OPERATION
(V+ = 5V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage Range
(Note 2)
2.5
11
V
Output Voltage Range
0
11
V
TA = +25°C
2.5
3.2
MAX9_1,
HYST = REF
C/E temp ranges
4
TA = +25°C
2.5
3.2
MAX972
C/E temp ranges
4
TA = +25°C
3.1
4.5
MAX982/
MAX9_3,
HYST = REF
C/E temp ranges
6
TA = +25°C
5.5
6.5
Supply Current
IN+ = IN- +
100mV
MAX9_4
C/E temp ranges
8.5
µA
COMPARATOR
Input Offset Voltage
VCM = 2.5V
±10
mV
Input Leakage Current (IN-, IN+)
IN+ = IN- = 2.5V
C/E temp ranges
±0.01
±5
nA
Input Leakage Current (HYST)
MAX9_1/MAX982/MAX9_3
±0.02
nA
Input Common-Mode Voltage
Range
V-
V+ - 1.3
V
Common-Mode Rejection Ratio
V- to (V+ - 1.3V)
0.1
1.0
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1.0
mV/V
Voltage Noise
100Hz to 100kHz
20
µVRMS
Hysteresis Input Voltage Range
MAX9_1/MAX982/MAX9_3
REF - 0.05
REF
V
Overdrive = 10mV
12
Response Time (High-to-Low
Transition)
TA = +25°C, 100pF load,
1M
Ω pullup to V+
Overdrive = 100mV
4
µs
Response Time (Low-to-High
Transition) (Note 3)
TA = +25°C, 100pF load, 1M
Ω pullup to V+
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com