Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 8Page - Micrel Semiconductor MIC2182 Datasheet HTML 9Page - Micrel Semiconductor MIC2182 Datasheet HTML 10Page - Micrel Semiconductor MIC2182 Datasheet HTML 11Page - Micrel Semiconductor MIC2182 Datasheet HTML 12Page - Micrel Semiconductor MIC2182 Datasheet HTML 13Page - Micrel Semiconductor MIC2182 Datasheet HTML 14Page - Micrel Semiconductor MIC2182 Datasheet HTML 15Page - Micrel Semiconductor MIC2182 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MIC2182
Micrel
MIC2182
12
June 2000
A hysteretic comparator is used in place of the PWM error
amplifier and a current-limit comparator senses the inductor
current. A one-shot starts the switching cycle by momentarily
turning on the low side MOSFET to insure the high side drive
boost capacitor, Cbst, is fully charged. The high side MOS-
FET is turned on and current ramps up in the inductor, L1.
The high side drive is turned off when either the peak voltage
on the input of the current-sense comparator exceeds the
threshold, typically 35mV, or the output voltage rises above
the hysteretic threshold of the output voltage comparator.
Once the high side MOSFET is turned off, the load current
discharges the output capacitor, causing V
OUT to fall. The
cycle repeats when V
OUT falls below the lower threshold, –
1%.
The maximum peak inductor current depends on the skip-
mode current-limit threshold and the value of the current-
sense resistor, R
CS.
I
35mV
R
inductor(peak)
sense
=
Figure 6 shows the improvement in efficiency that skip mode
makes when at lower output currents.
0
20
40
60
80
100
0.01
0.1
1
10
100
OUTPUT CURRENT (A)
Skip
PWM
Figure 6. Efficiency
VDD
0V
0V
0V
0V
0A
VDD
VIN + VDD
VIN
VSW
Reset
Pulse
VHSD
VLSD
ILOAD
IL1
Figure 5a. PWM-Mode Timing
0V
0V
0V
0A
VDD
+1%
–1%
VNOMINAL
VIN
VOUT
VSW
VLSD
VHSD
Vone-shot
0V
VDD
0V
VDD
ILIM(skip)
IL1
VOUT
IOUT
0A
Figure 5b. Skip-Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com