Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 20Page - Micrel Semiconductor MIC2182 Datasheet HTML 21Page - Micrel Semiconductor MIC2182 Datasheet HTML 22Page - Micrel Semiconductor MIC2182 Datasheet HTML 23Page - Micrel Semiconductor MIC2182 Datasheet HTML 24Page - Micrel Semiconductor MIC2182 Datasheet HTML 25Page - Micrel Semiconductor MIC2182 Datasheet HTML 26Page - Micrel Semiconductor MIC2182 Datasheet HTML 27Page - Micrel Semiconductor MIC2182 Datasheet HTML 28Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MIC2182
Micrel
MIC2182
24
June 2000
Effect of Soft-Start Capacitor (CSS) Value
On Output Voltage Waveforms
During Turn-On
(10A Power Supply Configuration)
Effect of Soft-Start Capacitor (CSS) Value
On Output Voltage Waveforms
During Turn-On
(4A Power Supply Configuration)
Normal (300kHz Switching Frequency) and
Output Short-Circuit (60kHz) Conditions
Switch Node (Pin 15) Waveforms
Converter Waveforms
QTY: 2
Si4884
HIGH-SIDE
MOSFETS
SWITCH-NODE
VOLTAGE
INDUCTOR CURRENT
LOW-SIDE MOSFET
GATE-TO-SOURCE VOLTAGE
HIGH-SIDE MOSFET
GATE-TO-SOURCE VOLTAGE
QTY: 2
Si4884
LOW-SIDE
MOSFETS
VIN = 7V
L1 = 3.3
µH
V
OUT = 3.3V
IOUT = 10A
HIGH-SIDE
DRIVE VOLTAGE
REFERENCED TO GROUND
10Amps
Typical Skip-Mode Waveforms
Typical PWM-Mode Waveforms
Power Supply Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com