Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 12Page - Micrel Semiconductor MIC2182 Datasheet HTML 13Page - Micrel Semiconductor MIC2182 Datasheet HTML 14Page - Micrel Semiconductor MIC2182 Datasheet HTML 15Page - Micrel Semiconductor MIC2182 Datasheet HTML 16Page - Micrel Semiconductor MIC2182 Datasheet HTML 17Page - Micrel Semiconductor MIC2182 Datasheet HTML 18Page - Micrel Semiconductor MIC2182 Datasheet HTML 19Page - Micrel Semiconductor MIC2182 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MIC2182
Micrel
MIC2182
16
June 2000
Applications Information
The following applications information includes component
selection and design guidelines. See Figure 14 and Tables 1
through 5 for predesigned circuits.
Inductor Selection
Values for inductance, peak, and RMS currents are required
to select the output inductor. The input and output voltages
and the inductance value determine the peak to peak inductor
ripple current. Generally, higher inductance values are used
with higher input voltages. Larger peak to peak ripple currents
will increase the power dissipation in the inductor and
MOSFETs. Larger output ripple currents will also require
more output capacitance to smooth out the larger ripple
current. Smaller peak to peak ripple currents require a larger
inductance value and therefore a larger and more expensive
inductor. A good compromise between size, loss and cost is
to set the inductor ripple current to be equal to 20% of the
maximum output current.
The inductance value is calculated by the equation below.
L
V(V
V
)
V
f
0.2 I
OUT
IN(max)
OUT
IN(max)
S
OUT(max)
=
×−
××
×
where:
f
S = switching frequency
0.2 = ratio of ac ripple current to dc output current
V
IN(max) = maximum input voltage
The peak-to-peak inductor current (ac ripple current) is:
I
V(V
V
)
Vf
L
PP
OUT
IN(max)
OUT
IN(max)
S
=
×−
××
The peak inductor current is equal to the average output
current plus one half of the peak to peak inductor ripple
current.
I
I
0.5 I
PK
OUT(max)
PP
=+
×
The RMS inductor current is used to calculate the I2·R losses
in the inductor.
I
(rms)
I
1
1
3
I
I
inductor
OUT(max)
PP
OUT(max)
2
=×
+
Maximizing efficiency requires the proper selection of core
material and minimizing the winding resistance. The high
frequency operation of the MIC2182 requires the use of ferrite
materials for all but the most cost sensitive applications.
Lower cost iron powder cores may be used but the increase
in core loss will reduce the efficiency of the power supply. This
is especially noticeable at low output power. The winding
resistance decreases efficiency at the higher output current
levels. The winding resistance must be minimized although
this usually comes at the expense of a larger inductor.
The power dissipated in the inductor is equal to the sum of the
core and copper losses. At higher output loads, the core
losses are usually insignificant and can be ignored. At lower
output currents, the core losses can be a significant contribu-
tor. Core loss information is usually available from the mag-
netics vendor.
Copper loss in the inductor is calculated by the equation
below:
P
I
(rms)
R
inductor Cu
inductor
2
winding
=×
The resistance of the copper wire, R
winding, increases with
temperature. The value of the winding resistance used should
be at the operating temperature.
R
R
1 0.0042 (T
T
)
winding(hot)
winding(20 C)
hot
20 C
=× +
×
−
()
°°
where:
T
HOT = temperature of the wire
under operating load
T
20
°C = ambient temperature
R
winding(20
°C) is room temperature winding resistance
(usually specified by the manufacturer)
Current-Sense Resistor Selection
Low inductance power resistors, such as metal film resistors
should be used. Most resistor manufacturers make low
inductance resistors with low temperature coefficients, de-
signed specifically for current-sense applications. Both resis-
tance and power dissipation must be calculated before the
resistor is selected. The value of R
SENSE is chosen based on
the maximum output current and the maximum threshold
level. The power dissipated is based on the maximum peak
output current at the minimum overcurrent threshold limit.
R
75mV
I
SENSE
OUT(max)
=
The maximum overcurrent threshold is:
I
135mV
R
overcurrent(max)
CS
=
The maximum power dissipated in the sense resistor is:
PI
R
D(R
)
overcurrent(max)
2
CS
SENSE
=×
MOSFET Selection
External N-channel logic-level power MOSFETs must be
used for the high- and low-side switches. The MOSFET gate-
to-source drive voltage of the MIC2182 is regulated by an
internal 5V V
DD regulator. Logic-level MOSFETs, whose
operation is specified at V
GS = 4.5V must be used.
It is important to note the on-resistance of a MOSFET
increases with increasing temperature. A 75
°C rise in junc-
tion temperature will increase the channel resistance of the
MOSFET by 50% to 75% of the resistance specified at 25
°C.
This change in resistance must be accounted for when
calculating MOSFET power dissipation.
Total gate charge is the charge required to turn the MOSFET
on and off under specified operating conditions (V
DS and
V
GS). The gate charge is supplied by the MIC2182 gate drive
circuit. At 300kHz switching frequency and above, the gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com