Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC2182 Datasheet HTML 18Page - Micrel Semiconductor MIC2182 Datasheet HTML 19Page - Micrel Semiconductor MIC2182 Datasheet HTML 20Page - Micrel Semiconductor MIC2182 Datasheet HTML 21Page - Micrel Semiconductor MIC2182 Datasheet HTML 22Page - Micrel Semiconductor MIC2182 Datasheet HTML 23Page - Micrel Semiconductor MIC2182 Datasheet HTML 24Page - Micrel Semiconductor MIC2182 Datasheet HTML 25Page - Micrel Semiconductor MIC2182 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MIC2182
Micrel
MIC2182
22
June 2000
3A (6.5V–30V)
4A (6.5V–30V)
5A (6.5V–30V)
10A (6.5V–10V)
Reference
Part No. / Description
Part No. / Description
Part No. / Description
Part No. / Description
C7
qty: 2
qty: 2
qty: 2
qty: 2
TPSE227M010R0100
TPSE227M010R0100
TPSV227M010R0060
TPSV337M010R0060
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 330
µF 10V,
0.1
Ω ESR,
0.1
Ω ESR,
0.06
Ω ESR,
0.06
Ω ESR,
output filter capacitor
output filter capacitor
output filter capacitor
output filter capacitor
C11
qty: 2
qty: 3
qty: 4
qty: 4
TPSE226M035R0300
TPSE226M035R0300
TPSE226M035R0300
TPSV107M020R0085
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 100
µF 20V,
0.3
Ω ESR,
0.3
Ω ESR,
0.3
Ω ESR,
0.06
Ω ESR,
input filter capacitor
input filter capacitor
input filter capacitor
input filter capacitor
D1
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B330, Vishay,
freewheeling diode
freewheeling diode
freewheeling diode
freewheeling diode
L1
qty: 1 CDRH125-100,
qty: 1 CDRH127-100,
qty: 1 CDRH127-100
qty: 1 UP4B-3R3,
Sumida Inductor,
Sumida Inductor,
Sumida,
Coiltronics,
10
µH 4A,
10
µH 5A,
10
µH 5A,
3.3
µH 11A,
output inductor
output inductor
output inductor
output inductor
Q1
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 2 Si4884, Siliconix
low-side MOSFET
low-side MOSFET
low-side MOSFET
low-side MOSFET
Q2
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 2 Si4884, Siliconix,
high-side MOSFET
high-side MOSFET
high-side MOSFET
high-side MOSFET
R2
qty: 1
qty: 1
qty: 1
qty: 2
WSL-2010 .025 1%,
WSL-2010 .020 1%,
WSL-2512 .015 1%,
WSL-2512 .015 1% ,
Vishay, 0.025, 1%, 0.5W,
Vishay, 0.02, 1%, 0.5W,
Vishay, 0.015, 1%, 1W,
Vishay, 0.015, 1%, 1W,
current sense resistor
current sense resistor
current sense resistor
current sense resistor
U1
MIC2182-5.0BSM or
MIC2182-5.0BSM or
MIC2182-5.0BSM or
MIC2182-5.0BM
MIC2182-5.0BM
MIC2182-5.0BM
MIC2182-5.0BM
Table 3. Components for 5V Output
3A (4.5V–30V)
4A (4.5V–30V)
5A (4.5V–30V)
10A (4.5V–5.5V)
Reference
Part No. / Description
Part No. / Description
Part No. / Description
Part No. / Description
C7
qty: 2
qty: 2
qty: 2
qty: 2
TPSE227M010R0100
TPSE227M010R0100
TPSV227M010R0060
TPSV477M006R0055
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 220
µF 10V,
AVX, 470
µF 6.3V,
0.1
Ω ESR,
0.1
Ω ESR,
0.06
Ω ESR,
0.055
Ω ESR,
output filter capacitor
output filter capacitor
output filter capacitor
output filter capacitor
C11
qty: 2
qty: 2
qty: 3
qty: 3
TPSE226M035R0300
TPSE226M035R0300
TPSE226M035R0300
TPSV227M016R0075
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 22
µF 35V,
AVX, 220
µF 16V,
0.3
Ω ESR,
0.3
Ω ESR,
0.3
Ω ESR,
0.075
Ω ESR,
input filter capacitor
input filter capacitor
input filter capacitor
filter capacitor
D1
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B140, Vishay,
qty: 1 B330, Vishay,
freewheeling diode
freewheeling diode
freewheeling diode
freewheeling diode
L1
qty: 1 CDRH125-100,
qty: 1 CDRH127-100,
qty: 1 CDRH127-100
qty: 1 UP4B-3R3,
Sumida Inductor,
Sumida Inductor,
Sumida,
Coiltronics,
10
µH 4A,
10
µH 5A,
10
µH 5A,
3.3
µH 11A,
output inductor
output inductor
output inductor
output inductor
Q1
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 2 Si4884, Siliconix,
low-side MOSFET
low-side MOSFET
low-side MOSFET
low-side MOSFET
Q2
qty: 1 Si4800, Siliconix,
qty: 1 Si4800, Siliconix,
qty: 1 Si4884, Siliconix,
qty: 2 Si4884, Siliconix,
high-side MOSFET
high-side MOSFET
high-side MOSFET
high-side MOSFET
R2
qty: 1
qty: 1
qty: 1
qty: 2
WSL-2010 .025 1%,
WSL-2010 .020 1%,
WSL-2512 .015 1%,
WSL-2512 .015 1% ,
Vishay, 0.025, 1%, 0.5W,
Vishay, 0.02, 1%, 0.5W,
Vishay, 0.015, 1%, 1W,
Vishay, 0.015, 1%, 1W,
current sense resistor
current sense resistor
current sense resistor
current sense resistor
U1
MIC2182-3.3BSM or
MIC2182-3.3BM or
MIC2182-3.3BM or
MIC2182-3.3BM
MIC2182-3.3BM
MIC2182-3.3BSM
MIC2182-3.3BSM
Table 4. Components for 3.3V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com