Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2182 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller Final Information
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2182 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2182 Datasheet HTML 1Page - Micrel Semiconductor MIC2182 Datasheet HTML 2Page - Micrel Semiconductor MIC2182 Datasheet HTML 3Page - Micrel Semiconductor MIC2182 Datasheet HTML 4Page - Micrel Semiconductor MIC2182 Datasheet HTML 5Page - Micrel Semiconductor MIC2182 Datasheet HTML 6Page - Micrel Semiconductor MIC2182 Datasheet HTML 7Page - Micrel Semiconductor MIC2182 Datasheet HTML 8Page - Micrel Semiconductor MIC2182 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
June 2000
5
MIC2182
MIC2182
Micrel
Parameter
Condition
Min
Typ
Max
Units
Reference Output (Fixed Versions Only)
Reference Voltage
1.220
1.245
1.270
V
Reference Line Regulation
6V < V
IN < 32V
1
mV
Reference Load Regulation
0
µA < I
REF < 100µA2
mV
Enable/UVLO
Enable Input Threshold
0.6
1.1
1.6
V
UVLO Threshold
2.2
2.5
2.8
V
Enable Input Current
V
EN/UVLO = 5V
0.1
5
µA
Soft Start
Soft-Start Current
V
SS = 0V
–3.5
–5
–6.5
µA
Current Limit
Current-Limit Threshold Voltage
V
CSH = VOUT
75
100
135
mV
Error Amplifier
Error Sense Amplifier Gain
20
Current Amp
Current Sense Amplifier Gain
2.0
Oscillator Section
Oscillator Frequency
270
300
330
kHz
Maximum Duty Cycle
86
%
Minimum On-Time
V
OUT = VOUT(nominal) + 200mV
140
250
ns
SYNC Threshold Level
0.7
1.3
1.9
V
SYNC Input Current
V
SYNC = 5V
0.1
5
µA
SYNC Minimum Pulse Width
200
ns
SYNC Capture Range
Note 6
330
kHz
Frequency Foldback Threshold
measured at VOUT pin
0.75
0.95
1.15
V
Foldback Frequency
60
kHz
Gate Drivers
Rise/Fall Time
C
L = 3000pF
60
ns
Output Driver Impedance
source
5
8.5
Ω
sink
3.5
6
Ω
Driver Nonoverlap Time
80
ns
PWM Input
PWM Input Current
V
PWM = 0V
–10
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
25
°C limits are 100% production tested. Limits over the operating temperature range are guaranteed by design and are not production tested.
Note 5.
V
IN > 1.3 × VOUT (for the feedback voltage reference and output voltage line and total regulation).
Note 6.
See applications information for limitations on the maximum operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com