Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2526 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2526 Datasheet HTML 2Page - Micrel Semiconductor MIC2526 Datasheet HTML 3Page - Micrel Semiconductor MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor MIC2526 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC2526
Micrel
MIC2526
6
February 2000
Short Circuit Transient Response
(Short Applied to Output)
1A Current Limit
TIME (500
µs/div.)
2.76A
Test Circuit
MIC2526
Ferrite
Bead
ENA
OUTA
FLGA
FLGB
ENB
GND
ILOAD
(for Current
Limit Response)
CL
OUTB
RL
5V
10k
(1 output shown)
IOUT
0.1µF
IN
Functional Characteristics Test Circuit
Current-Limit Response
(Ramped Load)
TIME (1ms/div.)
Current Limit
Threshold
1A Current
Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com