Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2526 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2526 Datasheet HTML 1Page - Micrel Semiconductor MIC2526 Datasheet HTML 2Page - Micrel Semiconductor MIC2526 Datasheet HTML 3Page - Micrel Semiconductor MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
February 2000
5
MIC2526
MIC2526
Micrel
Functional Characteristics
Input Voltage
Response
2.6V (UVLO) Threshold
TIME (100ns/div.)
V
EN = VIN
R
L = 35Ω
C
L = 15µF
Turn-On, Turnoff
Characteristics
R
L = 35Ω
C
L = 10µF
144mA
TIME (2.5ms/div.)
Turn-On, Turnoff
Characteristics
R
L = 35Ω
C
L = 150µF
TIME (2.5ms/div.)
144mA
Short Circuit Response
(Short Applied to Output)
TIME (250ms/div.)
Thermal Shutdown
0.95A Short
Circuit Limiting
Short Circuit Response
(Enable into Short Circuit)
0.95A Short
Circuit Limiting
TIME (250ms/div.)
Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com