Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2526 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2526 Datasheet HTML 1Page - Micrel Semiconductor MIC2526 Datasheet HTML 2Page - Micrel Semiconductor MIC2526 Datasheet HTML 3Page - Micrel Semiconductor MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC2526
Micrel
MIC2526
4
February 2000
Typical Characteristics
V
IN = 5V; TA = 25°C; one switch section; unless noted.
80
90
100
110
3.0
3.5
4.0
4.5
5
5.5
SUPPLY VOLTAGE (V)
Output On-Resistance
vs. Supply Voltage
T = 25
°C
R
L = 44Ω
Awaiting Full
Characterization
Data
60
80
100
120
140
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output On-Resistance
vs. Temperature
R
L = 44Ω
V
IN = 5V
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
UVLO Threshold Voltage
vs. Temperature
RISING
FALLING
1.0
1.5
2.0
2.5
23
45
SUPPLY VOLTAGE (V)
Control Threshold
vs. Supply Voltage
V
CTL RISING
V
CTL FALLING
0
25
50
75
100
125
150
175
200
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
On-State Supply Current
vs. Temperature
BOTH SWITCHES ON
0
0.5
1.0
1.5
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Off-State Supply Current
vs. Temperature
BOTH SWITCHES OFF
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Control Threshold
vs. Temperature
V
EN RISING
V
IN = 5V
V
EN FALLING
0
1
2
3
4
5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Rise Time
vs. Temperature
Awaiting Full
Characterization
Data
0
0.2
0.4
0.6
0.8
1.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Output Fall Time
vs. Temperature
Awaiting Full
Characterization
Data
1.0
1.2
1.4
1.6
1.8
2.0
-25
0
25
50
75
100
TEMPERATURE (
°C)
Current-Limit Threshold
vs. Temperature
SHORT CIRCUIT
CURRENT LIMIT
CURRENT LIMIT
THRESHOLD
0
50
100
150
200
250
0
246
SUPPLY VOLTAGE (V)
On-State Supply Current
vs. Supply Voltage
SWITCH ON
0
0.5
1.0
1.5
2.0
23
456
SUPPLY VOLTAGE (V)
Off-State Supply Current
vs. Supply Voltage
SWITCH OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com