Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2526 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2526
Description  Dual USB Power Control Switch Not Recommended for New Designs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2526 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2526 Datasheet HTML 4Page - Micrel Semiconductor MIC2526 Datasheet HTML 5Page - Micrel Semiconductor MIC2526 Datasheet HTML 6Page - Micrel Semiconductor MIC2526 Datasheet HTML 7Page - Micrel Semiconductor MIC2526 Datasheet HTML 8Page - Micrel Semiconductor MIC2526 Datasheet HTML 9Page - Micrel Semiconductor MIC2526 Datasheet HTML 10Page - Micrel Semiconductor MIC2526 Datasheet HTML 11Page - Micrel Semiconductor MIC2526 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
February 2000
9
MIC2526
MIC2526
Micrel
Applications Information
Supply Filtering
A 0.1
µF to 1µF bypass capacitor from IN to GND, located at
the device, is strongly recommended to control supply tran-
sients. Without a bypass capacitor, an output short may
cause sufficient ringing on the input (from supply lead induc-
tance) to damage internal control circuitry.
Input or output transients must not exceed the absolute
maximum supply voltage (V
IN max = 6V) even for a short
duration.
MIC2526
ENA
OUTA
FLGA
FLGB
GND
ENB
OUTB
IN
0.1µF to 1µF
3.0V to 5.5V
Figure 1. Supply Bypassing
Enable Input
EN must be driven logic high or logic low for a clearly defined
input. Floating the input may cause unpredictable operation.
EN should not be allowed to go negative with respect to GND.
Soft Start
The MIC2526 presents a high impedance when off, and
slowly becomes a low impedance as it turns on. This reduces
inrush current and related voltage drop that results from
charging a capacitive load, satisfying the USB voltage droop
requirements for bus-powered applications as shown in
Figure 2.
The soft start circuit shown in Figure 3 can be utilized to meet
USB transient regulation specifications with large load ca-
pacitances (C
BULK > 10uF). The MIC2526 will provide inrush
current limiting for these applications.
Transient Overcurrent Filter
When the MIC2526 is enabled, large values of capacitance
at the output of the device will cause inrush current to exceed
the short circuit current-limit threshold of the device and
assert the flag. The duration of this time will depend on the
size of the output capacitance. Refer to the “Functional
Characteristics” turn-on and turnoff behaviors for details.
During the capacitance charging time, the device enters into
constant-current mode. As the capacitance is charged, the
current decreases below the short circuit current-limit thresh-
old, and the flag will then be deasserted.
MIC2526-xBM
ENA
OUTA
FLGA
FLGB
GND
OUTB
IN
18
27
36
5
0.1µF
Capacitive
Load
USB
Controller
ENB
4
Bus Powered Hub
Downstream USB Device
Cable
Cable
USB Host
VBUS
GND
4.7
µF
CBULK
Figure 2. Soft Start (Single Channel)
MIC2526-2BM
ENA
OUTA
FLGA
FLGB
GND
OUTB
IN
18
27
36
5
USB
Controller
ENB
4
USB Peripheral
Cable
USB Hub
CBULK
GND
VBUS
4.7
µF
USB
Function
USB
Function
CBULK
Figure 3. Inrush Current-Limit Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com