Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
VSUPPLY (V)
200
150
100
50
0
-50
-100
-150
-200
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-6
-4
-2
0
2
4
6
-40°C
25°C
85°C
125°C
VS = ±5V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
-40°C
25°C
85°C
125°C
VS = 3.3V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
5
6
-40°C
25°C
85°C
125°C
VS = 5.0V
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
VOS
VOS
vs.
vs.
VCM Over Temperature at 3.3V
VCM Over Temperature at 5.0V
Figure 4.
Figure 5.
VOS
vs.
VOS vs. VCM Over Temperature at ±5.0V
Supply Voltage
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com