Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
B =
= 1.9 kHz
S
x 6.2 k: x 27 nF
1
B =
= 1.6 kHz
S
x 6.2 k: x 33 nF
1
B =
1
SR2C
fmid =
= 11.2 kHz
S
x 27 nF
1
2 k: x 6.2 k: x 45:
2 k: + 6.2 k:
fmid =
= 9.2 kHz
S
x 33 nF
1
2 k: x 6.2 k: x 45:
2 k: + 6.2 k:
fmid =
R1 + R3
í R
1 R2 R3
1
2SC
R1
R2
C
C
R3
R1
R2
C
C
R3
+
-
+
-
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
ACTIVE FILTER
The rail-to-rail input and output of the LMV841/LMV842/LMV844 and the wide supply voltage range make these
amplifiers ideal to use in numerous applications. One of the typical applications is an active filter as shown in
Figure 40. This example is a band-pass filter, for which the pass band is widened. This is achieved by cascading
two band-pass filters, with slightly different center frequencies.
Figure 40. Active Filter
The center frequency of the separate band-pass filters can be calculated by:
(13)
In this example a filter was designed with its pass band at 10kHz. The two separate band-pass filters are
designed to have a center frequency of approximately 10% from the frequency of the total filter:
C = 33nF R1 = 2K
Ω R2 = 6.2KΩ R3 = 45Ω
(14)
This will give for filter A:
(15)
and for filter B with C = 27nF:
(16)
Bandwidth can be calculated by:
(17)
For filter A this will give:
(18)
and for filter B:
(19)
The response of the two filters and the combined filter is shown in Figure 41.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com