Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
FREQUENCY (Hz)
60
40
20
0
-20
130
90
50
10
-30
10k
100k
1M
10M
GAIN
PHASE
VS = 3.3V, 5.0V, 10V
CL = 20 pF, 50 pF, 100 pF
CL=20 pF
VS=10V
VS= 3.3V
CL= 100 pF
CLOAD (pF)
80
70
60
50
40
30
20
10
0
1
10
100
1000
3.3V
5.0V
±5V
ILOAD (mA)
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
5
10
15
20
25
30
-40°C
-40°C
SINK
SOURCE
25°C
25°C
125°C
125°C
85°C
85°C
VS = 3.3V, 5.0V, +/-5V
FREQUENCY (Hz)
60
40
20
0
-20
130
90
50
10
-30
10k
100k
1M
10M
-40°C
125°C
-40°C
PHASE
125°C
GAIN
CL = 20 pF
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
Output Voltage Swing
vs.
Load Current
Open Loop Frequency Response Over Temperature
Figure 20.
Figure 21.
Phase Margin
vs.
Open Loop Frequency Response Over Load Conditions
CL
Figure 22.
Figure 23.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com