Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
400 ns/DIV
f = 250 kHz
AV = +10
VIN = 10 mVPP
CL = 20 pF
SUPPLY VOLTAGE (V)
3.0
2.5
2.0
1.5
1.0
2
4
6
8
10
12
FALLING EDGE
RISING EDGE
AV = +1
VIN = 2 VPP
RL = 10 kÖ
CL = 20 pF
400 ns/DIV
f = 250 kHz
AV = +10
VIN = 100 mVPP
CL = 20 pF
400 ns/DIV
f = 250 kHz
AV = +1
VIN = 200 mVPP
CL = 20 pF
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
Large Signal Step Response with Gain = 10
Small Signal Step Response with Gain = 1
Figure 28.
Figure 29.
Slew Rate
vs
Small Signal Step Response with Gain = 10
Supply Voltage
Figure 30.
Figure 31.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com