Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MA/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV844MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV844MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
en out = en in × Anoise
en in =
env
2
+ enr
2
enr =
4kTReq
RF + RG
RF × RG
Req =
+
-
RF
RG
en in
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
The input referred voltage noise of the op amp is already located at the input, we can use the input referred
voltage noise without further transferring. The input referred current noise needs to be converted to an input
referred voltage noise. The current noise is negligibly small, as long as the equivalent resistance is not
unrealistically large, so we can leave the current noise out for these examples. That leaves us with the noise
sources of the resistors, being the thermal noise voltage. The influence of the resistors on the total noise can be
seen in the following examples, one with high resistor values and one with low resistor values. Both examples
describe an op amp configuration with a gain of 101 which will give the circuit a bandwidth of 44.5kHz. The op
amp noise is the same for both cases, i.e. an input referred noise voltage of 20nV/
and a negligibly small input
referred noise current.
Figure 39. Noise Circuit
To calculate the noise of the resistors in the feedback network, the equivalent input referred noise resistance is
needed. For the example in Figure 39, this equivalent resistance Req can be calculated using the following
equation:
(1)
The voltage noise of the equivalent resistance can be calculated using the following equation:
(2)
where:
enr = thermal noise voltage of the equivalent resistor
Req (V/
)
k = Boltzmann constant (1.38 x 10–23 J/K)
T = absolute temperature (K)
Req = resistance (Ω)
The total equivalent input voltage noise is given by the equation:
(3)
where:
en in = total input equivalent voltage noise of the circuit
env = input voltage noise of the op amp
The final step is multiplying the total input voltage noise by the noise gain, which is in this case the gain of the op
amp configuration:
(4)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com