Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL6105ALAF Datasheet(PDF) 30 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 30 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 26Page - Intersil Corporation ZL6105ALAF Datasheet HTML 27Page - Intersil Corporation ZL6105ALAF Datasheet HTML 28Page - Intersil Corporation ZL6105ALAF Datasheet HTML 29Page - Intersil Corporation ZL6105ALAF Datasheet HTML 30Page - Intersil Corporation ZL6105ALAF Datasheet HTML 31Page - Intersil Corporation ZL6105ALAF Datasheet HTML 32Page - Intersil Corporation ZL6105ALAF Datasheet HTML 33Page - Intersil Corporation ZL6105ALAF Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ZL6105
30
FN6906.5
December 19, 2013
Upon system start-up, the device with the lowest member
position as selected in ISHARE_CONFIG is defined as the
reference device. The remaining devices are members. The
reference device broadcasts its current over the DDC bus. The
members use the reference current information to trim their
voltages (VMEMBER) to balance the current loading of each device
in the system.
Figure 18 shows that, for load lines with identical slopes, the
member voltage is increased towards the reference voltage
which closes the gap between the inductor currents.
The relation between reference and member current and voltage
is given by Equation 37:
where R is the value of the droop resistance.
The ISHARE_CONFIG command is used to configure the device
for active current sharing. The default setting is a stand-alone
non-current sharing device. A current sharing rail can be part of a
system sequencing group.
For fault configuration, the current share rail is configured in a
quasi-redundant mode. In this mode, when a member device
fails, the remaining members will continue to operate and
attempt to maintain regulation. Of the remaining devices, the
device with the lowest member position will become the
reference. If fault spreading is enabled, the current share rail
failure is not broadcast until the entire current share rail fails.
When Auto Compensation is enabled, only two (2) devices can be
configured for current sharing. With Auto Compensation
disabled, up to eight (8) devices can be configured in a given
current sharing rail.
TABLE 27. CURRENT SHARE POSITION SETTINGS
RCFG2
(k
Ω)
CURRENT SHARE
POSITION
CURRENT SENSE
10
0
DCR
11
1
12.1
2
13.3
3
14.7
4
16.2
5
17.8
6
19.6
7
42.2
0
RDS
46.4
1
51.1
2
56.2
3
61.9
4
68.1
5
75
6
82.5
7
()
MEMBER
REFERENCE
OUT
MEMBER
I
I
R
V
V
−
×
+
=
(EQ. 37)
TABLE 28. CURRENT SHARE PIN-STRAP SETTINGS
CFG0 Pin
NLR
CURRENT SHARE #
OF MEMBERS
CURRENT
SHARING
LOW
1.5%
0
Disabled
OPEN
Disabled
HIGH
2%
TABLE 29. CURRENT SHARE RESISTOR SETTINGS
RCFG0
(k
Ω)NLR
CURRENT SHARE #
OF MEMBERS
CURRENT
SHARING
10
Disabled
2
Enabled
11
3
12.1
4
13.3
5
14.7
6
16.2
7
17.8
8
19.6
3%
0
Disabled
21.5
2
Enabled
23.7
3
26.1
4
28.7
5
31.6
6
34.8
7
38.3
8
42.2
2%
0
Disabled
46.4
2
Enabled
51.1
3
56.2
4
61.9
5
68.1
6
75
7
82.5
8
90.9
1.5%
0
Disabled
100
2
Enabled
110
3
121
4
133
5
147
6
162
7
178
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com