Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL6105ALAF Datasheet(PDF) 18 Page - Intersil Corporation

Part # ZL6105ALAF
Description  Digital DC/DC Controller with Drivers and Auto Compensation
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL6105ALAF Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ZL6105ALAF Datasheet HTML 14Page - Intersil Corporation ZL6105ALAF Datasheet HTML 15Page - Intersil Corporation ZL6105ALAF Datasheet HTML 16Page - Intersil Corporation ZL6105ALAF Datasheet HTML 17Page - Intersil Corporation ZL6105ALAF Datasheet HTML 18Page - Intersil Corporation ZL6105ALAF Datasheet HTML 19Page - Intersil Corporation ZL6105ALAF Datasheet HTML 20Page - Intersil Corporation ZL6105ALAF Datasheet HTML 21Page - Intersil Corporation ZL6105ALAF Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ZL6105
18
FN6906.5
December 19, 2013
Without capacitive filtering near the power supply circuit, this
current would flow through the supply bus and return planes,
coupling noise into other system circuitry. The input capacitors
should be rated at 1.2x the ripple current calculated in Equation
13 to avoid overheating of the capacitors due to the high ripple
current, which can cause premature failure. Ceramic capacitors
with X7R or X5R dielectric with low ESR and 1.1x the maximum
expected input voltage are recommended.
BOOTSTRAP CAPACITOR SELECTION
The high-side driver boost circuit utilizes an external Schottky diode
(DB) and an external bootstrap capacitor (CB) to supply sufficient
gate drive for the high-side MOSFET driver. DB should be a 20mA,
30V Schottky diode or equivalent device and CB should be a 1µF
ceramic type rated for at least 6.3V.
QL SELECTION
The bottom MOSFET should be selected primarily based on the
device’s rDS(ON) and secondarily based on its gate charge. To
choose QL, use Equation 14 and allow 2% to 5% of the output
power to be dissipated in the rDS(ON) of QL (lower output voltages
and higher step-down ratios will be closer to 5%):
Calculate the RMS current in QL as shown in Equation 15:
Calculate the desired maximum rDS(ON) as shown in Equation 16:
Note that the rDS(ON) given in the manufacturer’s datasheet is
measured at +25°C. The actual rDS(ON) in the end-use application
will be much higher. For example, a Vishay Si7114 MOSFET with
a junction temperature of +125°C has an rDS(ON) that is 1.4x
higher than the value at +25°C. Select a candidate MOSFET, and
calculate the required gate drive current as shown in Equation
17:
Keep in mind that the total allowed gate drive current for both QH
and QL is 80mA.
MOSFETs with lower rDS(ON) tend to have higher gate charge
requirements, which increases the current and resulting power
required to turn them on and off. Since the MOSFET gate drive
circuits are integrated in the ZL6105, this power is dissipated in
the ZL6105 according to the Equation 18:
QH SELECTION
In addition to the rDS(ON) loss and gate charge loss, QH also has
switching loss. The procedure to select QH is similar to the
procedure for QL. First, assign 2% to 5% of the output power to
be dissipated in the rDS(ON) of QH using Equation 18 for QL. As
was done with QL, calculate the RMS current as shown in
Equation 19:
Calculate a starting rDS(ON) as shown in Equation 20. This
equation uses 5% as an example:
Select a MOSFET and calculate the resulting gate drive current.
Verify that the combined gate drive current from QL and QH does
not exceed 80mA.
Next, calculate the switching time using Equation 22:
where Qg is the gate charge of the selected QH and Igdr is the
peak gate drive current available from the ZL6105.
Although the ZL6105 has a typical gate drive current of 3A, use
the minimum guaranteed current of 2A for a conservative
design. Using the calculated switching time, calculate the
switching power loss in QH using Equation 23:
The total power dissipated by QH is given by Equation 24:
MOSFET THERMAL CHECK
Once the power dissipations for QH and QL have been calculated,
the MOSFETs junction temperature can be estimated. Using the
junction-to-case thermal resistance (Rth) given in the MOSFET
manufacturer’s datasheet and the expected maximum printed
circuit board temperature, calculate the junction temperature as
shown in Equation 25:
CURRENT SENSING COMPONENTS
Once the current sense method has been selected (Refer to
“Current Limit Threshold Selection” on page 19”), the
components are selected as indicated in the following.
When using the inductor DCR sensing method, the user must
also select an R/C network comprised of R1 and CL (see
Figure 11).
OUT
OUT
QL
I
V
P
×
×
= 05
.
0
(EQ. 14)
D
I
I
Lrms
botrms
−
×
=
1
(EQ. 15)
()2
)
(
botrms
QL
ON
DS
I
P
R
=
(EQ. 16)
g
SW
g
Q
f
I
×
=
(EQ. 17)
INM
g
sw
QL
V
Q
f
P
×
×
=
(EQ. 18)
D
I
I
Lrms
toprms
×
=
(EQ. 19)
OUT
OUT
QH
I
V
P
×
×
= 05
.
0
(EQ. 20)
()2
)
(
toprms
QH
ON
DS
I
P
R
=
(EQ. 21)
gdr
g
SW
I
Q
t
=
(EQ. 22)
sw
OUT
sw
INM
swtop
f
I
t
V
P
×
×
×
=
(EQ. 23)
swtop
QH
QHtot
P
P
P
+
=
(EQ. 24)
()
th
Q
pcb
j
R
P
T
T
×
+
=
max
(EQ. 25)
GH
GL
ISENA
ZL
ISENB
SW
R1
CL
R2
FIGURE 11. DCR CURRENT SENSING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com