Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 21Page - Microchip Technology PIC17C44 Datasheet HTML 22Page - Microchip Technology PIC17C44 Datasheet HTML 23Page - Microchip Technology PIC17C44 Datasheet HTML 24Page - Microchip Technology PIC17C44 Datasheet HTML 25Page - Microchip Technology PIC17C44 Datasheet HTML 26Page - Microchip Technology PIC17C44 Datasheet HTML 27Page - Microchip Technology PIC17C44 Datasheet HTML 28Page - Microchip Technology PIC17C44 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 25
PIC17C4X
5.4
Interrupt Operation
Global Interrupt Disable bit, GLINTD (CPUSTA<4>),
enables all unmasked interrupts (if clear) or disables all
interrupts (if set). Individual interrupts can be disabled
through their corresponding enable bits in the INTSTA
register. Peripheral interrupts need either the global
peripheral enable PEIE bit disabled, or the specific
peripheral enable bit disabled. Disabling the peripher-
als via the global peripheral enable bit, disables all
peripheral interrupts. GLINTD is set on reset (interrupts
disabled).
The RETFIE instruction allows returning from interrupt
and re-enable interrupts at the same time.
When an interrupt is responded to, the GLINTD bit is
automatically set to disable any further interrupt, the
return address is pushed onto the stack and the PC is
loaded with interrupt vector. There are four interrupt
vectors to reduce interrupt latency.
The peripheral interrupt vector has multiple interrupt
sources. Once in the peripheral interrupt service rou-
tine, the source(s) of the interrupt can be determined by
polling the interrupt flag bits. The peripheral interrupt
flag bit(s) must be cleared in software before re-
enabling interrupts to avoid continuous interrupts.
The PIC17C4X devices have four interrupt vectors.
These vectors and their hardware priority are shown in
Table 5-1. If two enabled interrupts occur “at the same
time”, the interrupt of the highest priority will be ser-
viced first. This means that the vector address of that
interrupt will be loaded into the program counter (PC).
TABLE 5-1:
INTERRUPT VECTORS/
PRIORITIES
Address
Vector
Priority
0008h
External Interrupt on RA0/
INT pin (INTF)
1 (Highest)
0010h
TMR0 overflow interrupt
(T0IF)
2
0018h
External Interrupt on T0CKI
(T0CKIF)
3
0020h
Peripherals (PEIF)
4 (Lowest)
Note 1: Individual interrupt flag bits are set regard-
less of the status of their corresponding
mask bit or the GLINTD bit.
Note 2: When disabling any of the INTSTA enable
bits, the GLINTD bit should be set
(disabled).
Note 3: For the PIC17C42 only:
If an interrupt occurs while the Global Inter-
rupt Disable (GLINTD) bit is being set, the
GLINTD bit may unintentionally be re-
enabled by the user’s Interrupt Service
Routine (the RETFIE instruction). The
events that would cause this to occur are:
1.
An interrupt occurs simultaneously
with an instruction that sets the
GLINTD bit.
2.
The program branches to the Interrupt
vector and executes the Interrupt Ser-
vice Routine.
3.
The Interrupt Service Routine com-
pletes with the execution of the RET-
FIE
instruction. This
causes
the
GLINTD bit to be cleared (enables
interrupts), and the program returns to
the instruction after the one which was
meant to disable interrupts.
The method to ensure that interrupts are
globally disabled is:
1.
Ensure that the GLINTD bit was set by
the instruction, as shown in the follow-
ing code:
LOOP
BSF
CPUSTA, GLINTD ; Disable Global
; Interrupt
BTFSS
CPUSTA, GLINTD ; Global Interrupt
; Disabled?
GOTO
LOOP
; NO, try again
; YES, continue
; with program
; low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com