Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 31Page - Microchip Technology PIC17C44 Datasheet HTML 32Page - Microchip Technology PIC17C44 Datasheet HTML 33Page - Microchip Technology PIC17C44 Datasheet HTML 34Page - Microchip Technology PIC17C44 Datasheet HTML 35Page - Microchip Technology PIC17C44 Datasheet HTML 36Page - Microchip Technology PIC17C44 Datasheet HTML 37Page - Microchip Technology PIC17C44 Datasheet HTML 38Page - Microchip Technology PIC17C44 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 35
PIC17C4X
Bank 2
10h
TMR1
Timer1
xxxx xxxx
uuuu uuuu
11h
TMR2
Timer2
xxxx xxxx
uuuu uuuu
12h
TMR3L
TMR3 register; low byte
xxxx xxxx
uuuu uuuu
13h
TMR3H
TMR3 register; high byte
xxxx xxxx
uuuu uuuu
14h
PR1
Timer1 period register
xxxx xxxx
uuuu uuuu
15h
PR2
Timer2 period register
xxxx xxxx
uuuu uuuu
16h
PR3L/CA1L
Timer3 period register, low byte/capture1 register; low byte
xxxx xxxx
uuuu uuuu
17h
PR3H/CA1H
Timer3 period register, high byte/capture1 register; high byte
xxxx xxxx
uuuu uuuu
Bank 3
10h
PW1DCL
DC1
DC0
—
—
—
—
—
—
xx-- ----
uu-- ----
11h
PW2DCL
DC1
DC0
TM2PW2
—
—
—
—
—
xx0- ----
uu0- ----
12h
PW1DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
13h
PW2DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
14h
CA2L
Capture2 low byte
xxxx xxxx
uuuu uuuu
15h
CA2H
Capture2 high byte
xxxx xxxx
uuuu uuuu
16h
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS
TMR2CS
TMR1CS
0000 0000
0000 0000
17h
TCON2
CA2OVF CA1OVF PWM2ON
PWM1ON
CA1/PR3 TMR3ON
TMR2ON
TMR1ON
0000 0000
0000 0000
Unbanked
18h (5)
PRODL
Low Byte of 16-bit Product (8 x 8 Hardware Multiply)
xxxx xxxx
uuuu uuuu
19h (5)
PRODH
High Byte of 16-bit Product (8 x 8 Hardware Multiply)
xxxx xxxx
uuuu uuuu
TABLE 6-3:
SPECIAL FUNCTION REGISTERS (Cont.’d)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
resets (3)
Legend:
x = unknown, u = unchanged, - = unimplemented read as '0', q - value depends on condition. Shaded cells are unimplemented, read as '0'.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<15:8> whose contents are updated
from or transferred to the upper byte of the program counter.
2:
The TO and PD status bits in CPUSTA are not affected by a MCLR reset.
3:
Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset.
4:
The following values are for both TBLPTRL and TBLPTRH:
All PIC17C4X devices (Power-on Reset 0000 0000) and (All other resets 0000 0000)
except the PIC17C42 (Power-on Reset xxxx xxxx) and (All other resets uuuu uuuu)
5:
The PRODL and PRODH registers are not implemented on the PIC17C42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com