Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 95Page - Microchip Technology PIC17C44 Datasheet HTML 96Page - Microchip Technology PIC17C44 Datasheet HTML 97Page - Microchip Technology PIC17C44 Datasheet HTML 98Page - Microchip Technology PIC17C44 Datasheet HTML 99Page - Microchip Technology PIC17C44 Datasheet HTML 100Page - Microchip Technology PIC17C44 Datasheet HTML 101Page - Microchip Technology PIC17C44 Datasheet HTML 102Page - Microchip Technology PIC17C44 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 99
PIC17C4X
14.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits to deal with the needs of real
time applications. The PIC17CXX family has a host of
such features intended to maximize system reliability,
minimize cost through elimination of external compo-
nents, provide power saving operating modes and offer
code protection. These are:
• OSC selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
• Interrupts
• Watchdog Timer (WDT)
• SLEEP
• Code protection
The PIC17CXX has a Watchdog Timer which can be
shut off only through EPROM bits. It runs off its own RC
oscillator for added reliability. There are two timers that
offer necessary delays on power-up. One is the Oscil-
lator Start-up Timer (OST), intended to keep the chip in
RESET until the crystal oscillator is stable. The other is
the Power-up Timer (PWRT), which provides a fixed
delay of 96 ms (nominal) on power-up only, designed to
keep the part in RESET while the power supply stabi-
lizes. With these two timers on-chip, most applications
need no external reset circuitry.
The SLEEP mode is designed to offer a very low cur-
rent power-down mode. The user can wake from
SLEEP through external reset, Watchdog Timer Reset
or through an interrupt. Several oscillator options are
also made available to allow the part to fit the applica-
tion. The RC oscillator option saves system cost while
the LF crystal option saves power. Configuration bits
are used to select various options. This configuration
word has the format shown in Figure 14-1.
FIGURE 14-1: CONFIGURATION WORD
R/P - 1
U - x
U - x
U - x
U - x
U - x
U - x
U - x
PM2 (1)
—
—
—
—
—
—
—
bit15-7
bit0
U - x
R/P - 1
U - x
R/P - 1
R/P - 1
R/P - 1
R/P - 1
R/P - 1
—
PM1
—
PM0
WDTPS1 WDTPS0
FOSC1
FOSC0
R = Readable bit
P = Programmable bit
U = Unimplemented
- n = Value for Erased Device
(x = unknown)
bit15-7
bit0
bit 15-9: Unimplemented: Read as a '1'
bit 15,6,4:PM2, PM1, PM0, Processor Mode Select bits
111 = Microprocessor Mode
110 = Microcontroller mode
101 = Extended microcontroller mode
000 = Code protected microcontroller mode
bit 7, 5: Unimplemented: Read as a '0'
bit 3-2:
WDTPS1:WDTPS0, WDT Postscaler Select bits
11 = WDT enabled, postscaler = 1
10 = WDT enabled, postscaler = 256
01 = WDT enabled, postscaler = 64
00 = WDT disabled, 16-bit overflow timer
bit 1-0:
FOSC1:FOSC0, Oscillator Select bits
11 = EC oscillator
10 = XT oscillator
01 = RC oscillator
00 = LF oscillator
Note 1: This bit does not exist on the PIC17C42. Reading this bit will return an unknown value (x).
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com