Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 50Page - Microchip Technology PIC17C44 Datasheet HTML 51Page - Microchip Technology PIC17C44 Datasheet HTML 52Page - Microchip Technology PIC17C44 Datasheet HTML 53Page - Microchip Technology PIC17C44 Datasheet HTML 54Page - Microchip Technology PIC17C44 Datasheet HTML 55Page - Microchip Technology PIC17C44 Datasheet HTML 56Page - Microchip Technology PIC17C44 Datasheet HTML 57Page - Microchip Technology PIC17C44 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 240 page
background image
PIC17C4X
DS30412C-page 54
© 1996 Microchip Technology Inc.
FIGURE 9-2:
RA2 AND RA3 BLOCK
DIAGRAM
Note: I/O pins have protection diodes to VSS.
Data Bus
WR_PORTA
(Q4)
QD
Q
CK
RD_PORTA
(Q2)
FIGURE 9-3:
RA4 AND RA5 BLOCK
DIAGRAM
Note: I/O pins have protection diodes to VDD and VSS.
Data Bus
RD_PORTA
(Q2)
Serial port output signals
Serial port input signal
OE = SPEN,SYNC,TXEN, CREN, SREN for RA4
OE = SPEN (SYNC+SYNC,CSRC) for RA5
TABLE 9-1:
PORTA FUNCTIONS
TABLE 9-2:
REGISTERS/BITS ASSOCIATED WITH PORTA
Name
Bit0
Buffer Type
Function
RA0/INT
bit0
ST
Input or external interrupt input.
RA1/T0CKI
bit1
ST
Input or clock input to the TMR0 timer/counter, and/or an external interrupt input.
RA2
bit2
ST
Input/Output. Output is open drain type.
RA3
bit3
ST
Input/Output. Output is open drain type.
RA4/RX/DT
bit4
ST
Input or USART Asynchronous Receive or USART Synchronous Data.
RA5/TX/CK
bit5
ST
Input or USART Asynchronous Transmit or USART Synchronous Clock.
RBPU
bit7
—
Control bit for PORTB weak pull-ups.
Legend: ST = Schmitt Trigger input.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
10h, Bank 0
PORTA
RBPU
—
RA5
RA4
RA3
RA2
RA1/T0CKI
RA0/INT
0-xx xxxx
0-uu uuuu
05h, Unbanked
T0STA
INTEDG
T0SE
T0CS
PS3
PS2
PS1
PS0
—
0000 000-
0000 000-
13h, Bank 0
RCSTA
SPEN
RC9
SREN
CREN
—
FERR
OERR
RC9D
0000 -00x
0000 -00u
15h, Bank 0
TXSTA
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
Legend: x = unknown, u = unchanged, - = unimplemented reads as '0'. Shaded cells are not used by PORTA.
Note 1:
Other (non power-up) resets include: external reset through MCLR and the Watchdog Timer Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com