Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 38Page - Microchip Technology PIC17C44 Datasheet HTML 39Page - Microchip Technology PIC17C44 Datasheet HTML 40Page - Microchip Technology PIC17C44 Datasheet HTML 41Page - Microchip Technology PIC17C44 Datasheet HTML 42Page - Microchip Technology PIC17C44 Datasheet HTML 43Page - Microchip Technology PIC17C44 Datasheet HTML 44Page - Microchip Technology PIC17C44 Datasheet HTML 45Page - Microchip Technology PIC17C44 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 240 page
background image
PIC17C4X
DS30412C-page 42
© 1996 Microchip Technology Inc.
6.8
Bank Select Register (BSR)
The BSR is used to switch between banks in the data
memory
area
(Figure 6-13).
In
the
PIC17C42,
PIC17CR42, and PIC17C42A only the lower nibble is
implemented. While in the PIC17C43, PIC17CR43,
and PIC17C44 devices, the entire byte is implemented.
The lower nibble is used to select the peripheral regis-
ter bank. The upper nibble is used to select the general
purpose memory bank.
All the Special Function Registers (SFRs) are mapped
into the data memory space. In order to accommodate
the large number of registers, a banking scheme has
been used. A segment of the SFRs, from address 10h
to address 17h, is banked. The lower nibble of the bank
select register (BSR) selects the currently active
“peripheral bank.” Effort has been made to group the
peripheral registers of related functionality in one bank.
However, it will still be necessary to switch from bank
to bank in order to address all peripherals related to a
single task. To assist this, a MOVLB bank instruction is
in the instruction set.
For the PIC17C43, PIC17CR43, and PIC17C44
devices, the need for a large general purpose memory
space dictated a general purpose RAM banking
scheme. The upper nibble of the BSR selects the cur-
rently active general purpose RAM bank. To assist this,
a MOVLR bank instruction has been provided in the
instruction set.
If the currently selected bank is not implemented (such
as Bank 13), any read will read all '0's. Any write is com-
pleted to the bit bucket and the ALU status bits will be
set/cleared as appropriate.
Note:
Registers in Bank 15 in the Special Func-
tion
Register
area,
are
reserved
for
Microchip use. Reading of registers in this
bank may cause random values to be read.
FIGURE 6-13: BSR OPERATION (PIC17C43/R43/44)
74 3
0
10h
17h
BSR
01
2
3
4
15
• • •
20h
FFh
• • •
• • •
(1)
(2)
Bank 15
Bank 4
Bank 3
Bank 2
Bank 1
Bank 0
01
2
Bank 2
Bank 1
Bank 0
15
Bank 15
SFR
Banks
GPR
Banks
Address
Range
Note 1:
Only Banks 0 through Bank 3 are implemented. Selection of an unimplemented bank is not recommended.
Bank 15 is reserved for Microchip use, reading of registers in this bank may cause random values to be read.
2:
Only Banks 0 and Bank 1 are implemented. Selection of an unimplemented bank is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com