Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C44 Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 108Page - Microchip Technology PIC17C44 Datasheet HTML 109Page - Microchip Technology PIC17C44 Datasheet HTML 110Page - Microchip Technology PIC17C44 Datasheet HTML 111Page - Microchip Technology PIC17C44 Datasheet HTML 112Page - Microchip Technology PIC17C44 Datasheet HTML 113Page - Microchip Technology PIC17C44 Datasheet HTML 114Page - Microchip Technology PIC17C44 Datasheet HTML 115Page - Microchip Technology PIC17C44 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 240 page
background image
PIC17C4X
DS30412C-page 112
© 1996 Microchip Technology Inc.
ADDLW
ADD Literal to WREG
Syntax:
[
label ] ADDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) + k
→ (WREG)
Status Affected:
OV, C, DC, Z
Encoding:
1011
0001
kkkk
kkkk
Description:
The contents of WREG are added to the
8-bit literal 'k' and the result is placed in
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Execute
Write to
WREG
Example:
ADDLW
0x15
Before Instruction
WREG = 0x10
After Instruction
WREG = 0x25
ADDWF
ADD WREG to f
Syntax:
[
label ] ADDWF
f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(WREG) + (f)
→ (dest)
Status Affected:
OV, C, DC, Z
Encoding:
0000
111d
ffff
ffff
Description:
Add WREG to register 'f'. If 'd' is 0 the
result is stored in WREG. If 'd' is 1 the
result is stored back in register 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write to
destination
Example:
ADDWF
REG,
0
Before Instruction
WREG
=
0x17
REG
=
0xC2
After Instruction
WREG
=
0xD9
REG
=
0xC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com