Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 237Page - Microchip Technology PIC17C752-08/P Datasheet HTML 238Page - Microchip Technology PIC17C752-08/P Datasheet HTML 239Page - Microchip Technology PIC17C752-08/P Datasheet HTML 240Page - Microchip Technology PIC17C752-08/P Datasheet HTML 241Page - Microchip Technology PIC17C752-08/P Datasheet HTML 242Page - Microchip Technology PIC17C752-08/P Datasheet HTML 243Page - Microchip Technology PIC17C752-08/P Datasheet HTML 244Page - Microchip Technology PIC17C752-08/P Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 241
PIC17C75X
FIGURE 20-13: I2C BUS START/STOP BITS TIMING
TABLE 20-13: I2C BUS START/STOP BITS REQUIREMENTS
Param.
No.
Sym Characteristic
Min
Typ Max Units
Conditions
90
TSU:STA
START condition
100 kHz mode
2(TOSC)(BRG + 1) §
—
—
ns
Only relevant for
repeated START condi-
tion
Setup time
400 kHz mode
2(TOSC)(BRG + 1) §
—
—
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
—
91
THD:STA
START condition
100 kHz mode
2(TOSC)(BRG + 1) §
—
—
ns
After this period the first
clock pulse is generated
Hold time
400 kHz mode
2(TOSC)(BRG + 1) §
—
—
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
—
92
TSU:STO
STOP condition
100 kHz mode
2(TOSC)(BRG + 1) §
—
—
ns
Setup time
400 kHz mode
2(TOSC)(BRG + 1) §
—
—
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
—
93
THD:STO
STOP condition
100 kHz mode
2(TOSC)(BRG + 1) §
—
—
ns
Hold time
400 kHz mode
2(TOSC)(BRG + 1) §
—
—
1 MHz mode (1)
2(TOSC)(BRG + 1) §
—
—
§ This specification ensured by design. For the value required by the I2C specification, please refer to Figure E-11.
Note 1: Maximum pin capacitance = 10 pF for all I2C pins.
Note: Refer to Figure 20-1 for load conditions
91
93
SCL
SDA
START
Condition
STOP
Condition
90
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com