Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/P Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 18Page - Microchip Technology PIC17C752-08/P Datasheet HTML 19Page - Microchip Technology PIC17C752-08/P Datasheet HTML 20Page - Microchip Technology PIC17C752-08/P Datasheet HTML 21Page - Microchip Technology PIC17C752-08/P Datasheet HTML 22Page - Microchip Technology PIC17C752-08/P Datasheet HTML 23Page - Microchip Technology PIC17C752-08/P Datasheet HTML 24Page - Microchip Technology PIC17C752-08/P Datasheet HTML 25Page - Microchip Technology PIC17C752-08/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 320 page
background image
PIC17C75X
DS30264A-page 22
Preliminary
© 1997 Microchip Technology Inc.
5.1
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST), and Brown-out Reset
(BOR)
5.1.1
POWER-ON RESET (POR)
The Power-on Reset circuit holds the device in reset
until VDD is above the trip point (in the range of 1.4V -
2.3V). The devices produce an internal reset for both
rising and falling VDD. To take advantage of the POR,
just tie the MCLR/VPP pin directly (or through a resistor)
to VDD. This will eliminate external RC components
usually needed to create Power-on Reset. A minimum
rise time for VDD is required. See Electrical Specifica-
tions for details.
Figure 5-2 and Figure 5-3 show two possible POR cir-
cuits.
FIGURE 5-2: USING ON-CHIP POR
FIGURE 5-3: EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
VDD
MCLR
PIC17CXXX
VDD
Note 1: An external Power-on Reset circuit is
required only if VDD power-up time is too
slow. The diode D helps discharge the
capacitor quickly when VDD powers
down.
2: R < 40 k
Ω is recommended to ensure
that the voltage drop across R does not
exceed 0.2V (max. leakage current spec.
on the MCLR/VPP pin is 5
µA). A larger
voltage drop will degrade VIH level on the
MCLR/VPP pin.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capaci-
tor C in the event of MCLR/VPP pin
breakdown due to Electrostatic Dis-
charge (ESD) or Electrical Overstress
(EOS).
C
R1
R
D
VDD
MCLR
PIC17CXXX
VDD
5.1.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 96 ms time-out
(nominal) on power-up. This occurs from the rising
edge of the POR signal and after the first rising edge of
MCLR (detected high). The Power-up Timer operates
on an internal RC oscillator. The chip is kept in RESET
as long as the PWRT is active. In most cases the
PWRT delay allows VDD to rise to an acceptable level.
The power-up time delay will vary from chip to chip and
with VDD and temperature. See DC parameters for
details.
5.1.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (1024TOSC) delay after MCLR is
detected high or a wake-up from SLEEP event occurs.
The OST time-out is invoked only for XT and LF oscil-
lator modes on a Power-on Reset or a Wake-up from
SLEEP.
The
OST
counts
the
oscillator
pulses
on
the
OSC1/CLKIN pin. The counter only starts incrementing
after the amplitude of the signal reaches the oscillator
input thresholds. This delay allows the crystal oscillator
or resonator to stabilize before the device exits reset.
The length of the time-out is a function of the crys-
tal/resonator frequency.
Figure 5-4 shows the operation of the OST circuit. In
this figure the oscillator is of such a low frequency that
OST time out occurs after the power-up timer time-out.
FIGURE 5-4: OSCILLATOR START-UP
TIME
VDD
MCLR
OSC2
OST TIME_OUT
PWRT TIME_OUT
INTERNAL RESET
TOSC1
TOST
TPWRT
POR or BOR Trip Point
This figure shows in greater detail the timings involved
with the oscillator start-up timer. In this example the low
frequency crystal start-up time is larger than power-up
time (TPWRT).
Tosc1 = time for the crystal oscillator to react to an oscil-
lation level detectable by the Oscillator Start-up Timer
(ost).
TOST = 1024TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com